Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDF8712 Datasheet(PDF) 17 Page - NXP Semiconductors

No. de pieza TDF8712
Descripción Electrónicos  8-bit digital-to-analog converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF8712 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDF8712 Datasheet HTML 13Page - NXP Semiconductors TDF8712 Datasheet HTML 14Page - NXP Semiconductors TDF8712 Datasheet HTML 15Page - NXP Semiconductors TDF8712 Datasheet HTML 16Page - NXP Semiconductors TDF8712 Datasheet HTML 17Page - NXP Semiconductors TDF8712 Datasheet HTML 18Page - NXP Semiconductors TDF8712 Datasheet HTML 19Page - NXP Semiconductors TDF8712 Datasheet HTML 20Page - NXP Semiconductors TDF8712 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
June 1994
17
Philips Semiconductors
Product specification
8-bit digital-to-analog converters
TDA8712; TDF8712
PACKAGE OUTLINES
Fig.19 Plastic dual in-line package; 16 leads (300 mil) SOT38-1.
Dimensions in mm.
handbook, full pagewidth
8.25
7.80
0.32 max
7.62
9.5
8.3
MSA254
16
1
9
8
1.4 max
6.48
6.14
22.00
21.35
3.7
max
4.7
max
0.51
min
3.9
3.4
0.254 M
0.53
max
2.54
(7x)
2.2
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24