| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MCP6G01R-E/MS Datasheet(PDF) 35 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6G01R-E/MS Datasheet(HTML) 35 Page - Microchip Technology |
|
35 / 38 page ![]() © 2006 Microchip Technology Inc. DS22004B-page 35 MCP6G01/1R/1U/2/3/4 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Device: MCP6G01: Single SGA MCP6G01T: Single SGA (Tape and Reel for MSOP and SOIC) MCP6G01RT: Single SGA (Tape and Reel for SOT-23-5) MCP6G01UT: Single SGA (Tape and Reel for SOT-23-5) MCP6G02: Dual SGA MCP6G02T: Dual SGA (Tape and Reel for MSOP and SOIC) MCP6G03: Single SGA MCP6G03T: Single SGA (Tape and Reel for MSOP and SOIC) MCP6G04: Quad SGA MCP6G04T: Quad SGA (Tape and Reel for SOIC and TSSOP) Temperature Range: E = -40°C to +125°C Package: MS = Plastic MSOP, 8-lead OT = Plastic Small Outline Transistor (SOT-23-5), 5-lead SN = Plastic SOIC (150 mil Body), 8-lead SL = Plastic SOIC (150 mil Body), 14-lead (MCP6G04) ST = Plastic TSSOP (4.4mm Body), 14-lead (MCP6G04) PART NO. –X /XX Package Temperature Range Device Examples: a) MCP6G01-E/MS: Extended Temperature, 8LD MSOP. b) MCP6G01T-E/SN: Tape and Reel, Extended Temperature, 8LD SOIC. c) MCP6G01T-E/OT: Tape and Reel, Extended Temperature, 5LD SOT-23-5. d) MCP6G01RT-E/OT: Tape and Reel, Extended Temperature, 5LD SOT-23-5. e) MCP6G01UT-E/OT: Tape and Reel, Extended Temperature, 5LD SOT-23-5. a) MCP6G02-E/MS: Extended Temperature, 8LD MSOP. b) MCP6G02T-E/SN: Tape and Reel, Extended Temperature, 8LD SOIC. a) MCP6G03-E/MS: Extended Temperature, 8LD MSOP. b) MCP6G03T-E/SN: Tape and Reel, Extended Temperature, 8LD SOIC. c) MCP6G03-E/SN: Extended Temperature, 8LD SOIC. a) MCP6G04T-E/SL: Tape and Reel, Extended Temperature, 14LD SOIC. b) MCP6G04T-E/ST: Tape and Reel, Extended Temperature, 14LD TSSOP. c) MCP6G04-E/ST: Extended Temperature, 14LD TSSOP. |