Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCP6271-E/MS Datasheet(PDF) 17 Page - Microchip Technology

No. de pieza MCP6271-E/MS
Descripción Electrónicos  170 關A, 2 MHz Rail-to-Rail Op Amp
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6271-E/MS Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP6271-E/MS Datasheet HTML 13Page - Microchip Technology MCP6271-E/MS Datasheet HTML 14Page - Microchip Technology MCP6271-E/MS Datasheet HTML 15Page - Microchip Technology MCP6271-E/MS Datasheet HTML 16Page - Microchip Technology MCP6271-E/MS Datasheet HTML 17Page - Microchip Technology MCP6271-E/MS Datasheet HTML 18Page - Microchip Technology MCP6271-E/MS Datasheet HTML 19Page - Microchip Technology MCP6271-E/MS Datasheet HTML 20Page - Microchip Technology MCP6271-E/MS Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
© 2006 Microchip Technology Inc.
DS21810E-page 17
MCP6271/1R/2/3/4/5
4.9.3.5
Second Order MFB with an Extra
Pole-Zero Pair
Figure 4-14 is a second order multiple feedback low-
pass filter with Chip Select. Use the FilterLab® software
from Microchip Technology Inc. to determine the R and
C values for op amp A’s second order filter. Op amp B
can be used to add a pole-zero pair using C3, R6 and
R7.
FIGURE 4-14:
Second Order Multiple
Feedback Low-Pass Filter with an Extra Pole-
Zero Pair.
4.9.3.6
Second Order Sallen-Key with an
Extra Pole-Zero Pair
Figure 4-15 is a second order Sallen-Key low-pass
filter with Chip Select. Use the Filterlab® software from
Microchip to determine the R and C values for
op amp A’s second order filter. Op amp B can be used
to add a pole-zero pair using C3, R5 and R6.
FIGURE 4-15:
Second Order Sallen-Key
Low-Pass Filter with an Extra Pole-Zero Pair and
Chip Select.
4.9.3.7
Capacitorless Second Order
Low-Pass filter with Chip Select
The low-pass filter shown in Figure 4-16 does not
require external capacitors and uses only three
external resistors; the op amp’s GBWP sets the corner
frequency. R1 and R2 are used to set the circuit gain. R3
is used to set the Q. To avoid gain peaking in the
frequency response, Q needs to be low (lower values
need to be selected for R3). Note that the amplifier
bandwidth varies greatly over temperature and
process. This configuration, however, provides a low
cost solution for applications with high bandwidth
requirements.
FIGURE 4-16:
Capacitorless Second Order
Low-Pass Filter with Chip Select.
A
CS
R1
R6
C3
VOUT
MCP6275
B
R5
R4
VDD
R7
C1
R3
R2
VIN
A
CS
R5
C3
VOUT
MCP6275
B
R6
R4
R3
VIN
R2
R1
C1
C2
A
CS
R3
R2
VOUT
MCP6275
B
VREF
R1
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34