| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MCP6541-I/SL Datasheet(PDF) 27 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6541-I/SL Datasheet(HTML) 27 Page - Microchip Technology |
|
27 / 34 page ![]() © 2006 Microchip Technology Inc. DS21696E-page 27 MCP6541/1R/1U/2/3/4 14-Lead Plastic Small Outline (SL) – Narrow, 150 mil (SOIC) Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Foot Angle φ 04804 8 15 12 0 15 12 0 β Mold Draft Angle Bottom 15 12 0 15 12 0 α Mold Draft Angle Top 0.51 0.42 0.36 .020 .017 .014 B Lead Width 0.25 0.23 0.20 .010 .009 .008 c Lead Thickness 1.27 0.84 0.41 .050 .033 .016 L Foot Length 0.51 0.38 0.25 .020 .015 .010 h Chamfer Distance 8.81 8.69 8.56 .347 .342 .337 D Overall Length 3.99 3.90 3.81 .157 .154 .150 E1 Molded Package Width 6.20 5.99 5.79 .244 .236 .228 E Overall Width 0.25 0.18 0.10 .010 .007 .004 A1 Standoff § 1.55 1.42 1.32 .061 .056 .052 A2 Molded Package Thickness 1.75 1.55 1.35 .069 .061 .053 A Overall Height 1.27 .050 p Pitch 14 14 n Number of Pins MAX NOM MIN MAX NOM MIN Dimension Limits MILLIMETERS INCHES* Units 2 1 D p n B E E1 h L c β 45 ° φ α A2 A A1 * Controlling Parameter Notes: Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010” (0.254mm) per side. JEDEC Equivalent: MS-012 Drawing No. C04-065 Revised 7-20-06 § Significant Characteristic |