| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MCP6546RT-E/MS Datasheet(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6546RT-E/MS Datasheet(HTML) 22 Page - Microchip Technology |
|
22 / 32 page ![]() MCP6546/6R/6U/7/8/9 DS21714E-page 22 © 2006 Microchip Technology Inc. 8-Lead Plastic Small Outline (SN) – Narrow, 150 mil (SOIC) Foot Angle φ 04804 8 15 12 0 15 12 0 β Mold Draft Angle Bottom 15 12 0 15 12 0 α Mold Draft Angle Top 0.51 0.42 0.33 .020 .017 .013 B Lead Width 0.25 0.23 0.20 .010 .009 .008 c Lead Thickness 0.76 0.62 0.48 .030 .025 .019 L Foot Length 0.51 0.38 0.25 .020 .015 .010 h Chamfer Distance 5.00 4.90 4.80 .197 .193 .189 D Overall Length 3.99 3.91 3.71 .157 .154 .146 E1 Molded Package Width 6.20 6.02 5.79 .244 .237 .228 E Overall Width 0.25 0.18 0.10 .010 .007 .004 A1 Standoff § 1.55 1.42 1.32 .061 .056 .052 A2 Molded Package Thickness 1.75 1.55 1.35 .069 .061 .053 A Overall Height 1.27 .050 p Pitch 8 8 n Number of Pins MAX NOM MIN MAX NOM MIN Dimension Limits MILLIMETERS INCHES* Units 2 1 D n p B E E1 h L β c 45 ° φ A2 α A A1 * Controlling Parameter Notes: Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010” (0.254mm) per side. JEDEC Equivalent: MS-012 Drawing No. C04-057 § Significant Characteristic Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging |