Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

93LC76A Datasheet(PDF) 21 Page - Microchip Technology

No. de pieza 93LC76A
Descripción Electrónicos  8K Microwire Compatible Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC76A Datasheet(HTML) 21 Page - Microchip Technology

Back Button 93LC76A Datasheet HTML 17Page - Microchip Technology 93LC76A Datasheet HTML 18Page - Microchip Technology 93LC76A Datasheet HTML 19Page - Microchip Technology 93LC76A Datasheet HTML 20Page - Microchip Technology 93LC76A Datasheet HTML 21Page - Microchip Technology 93LC76A Datasheet HTML 22Page - Microchip Technology 93LC76A Datasheet HTML 23Page - Microchip Technology 93LC76A Datasheet HTML 24Page - Microchip Technology 93LC76A Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
© 2006 Microchip Technology Inc.
DS21796H-page 21
93AA76A/B/C, 93LC76A/B/C, 93C76A/B/C
APPENDIX A:
REVISION HISTORY
Revision C
Corrections to Section 1.0, Electrical Characteristics.
Section 4.1, 6-Lead SOT-23 package to OT.
Revision D
Corrections to Device Selection Table, Table 1-1, Table
1-2, Section 2.4, Section 2.5, Section 2.8 and Section
2.9. Added note to Figure 2-7.
Revision E
Added DFN package.
Revision F
Added notes throughout.
Revision G
Revised note in Sections 2.8 and 2.9.
Replaced DFN package drawing.
Revision H
Updated Package Drawings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28