Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VL53L4ED Datasheet(PDF) 16 Page - STMicroelectronics

No. de pieza VL53L4ED
Descripción Electrónicos  Time-of-Flight high accuracy proximity sensor with extended temperature capability
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4ED Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VL53L4ED Datasheet HTML 12Page - STMicroelectronics VL53L4ED Datasheet HTML 13Page - STMicroelectronics VL53L4ED Datasheet HTML 14Page - STMicroelectronics VL53L4ED Datasheet HTML 15Page - STMicroelectronics VL53L4ED Datasheet HTML 16Page - STMicroelectronics VL53L4ED Datasheet HTML 17Page - STMicroelectronics VL53L4ED Datasheet HTML 18Page - STMicroelectronics VL53L4ED Datasheet HTML 19Page - STMicroelectronics VL53L4ED Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
4.2
I²C interface - reference registers
The registers shown in the table below can be used to validate the user I²C interface.
Table 7. Reference registers
Register name
Index
Value
Model_ID
0x010F
0xEC
Module_Type
0x0110
0xAA
Note:
The I²C read/writes can be 8, 16 or 32-bit. Multibyte reads/writes are always addressed in ascending order with
MSB first as shown in the following table.
The customer must use the VL53L4ED software driver for easy and efficient ranging operations to match
performance and accuracy criteria. Hence, full register details are not exposed.
Table 8. 32-bit register example
Register address
Byte
Address
MSB
Address + 1
—
Address + 2
—
Address + 3
LSB
VL53L4ED
Control interface
DS14256 - Rev 3
page 16/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39