Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSH350ILT Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza TSH350ILT
Descripción Electrónicos  550MHz low noise current feedback amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH350ILT Datasheet(HTML) 2 Page - STMicroelectronics

  TSH350ILT Datasheet HTML 1Page - STMicroelectronics TSH350ILT Datasheet HTML 2Page - STMicroelectronics TSH350ILT Datasheet HTML 3Page - STMicroelectronics TSH350ILT Datasheet HTML 4Page - STMicroelectronics TSH350ILT Datasheet HTML 5Page - STMicroelectronics TSH350ILT Datasheet HTML 6Page - STMicroelectronics TSH350ILT Datasheet HTML 7Page - STMicroelectronics TSH350ILT Datasheet HTML 8Page - STMicroelectronics TSH350ILT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Absolute maximum ratings
TSH350
2/22
1
Absolute maximum ratings
Table 1.
Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
All voltage values are measured with respect to the ground pin.
6V
Vid
Differential input voltage(2)
2.
Differential voltage is the non-inverting input terminal with respect to the inverting input terminal.
+/-0.5
V
Vin
Input voltage range(3)
3.
The magnitude of input and output voltage must never exceed VCC +0.3V.
+/-2.5
V
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient
SOT23-5
SO-8
250
150
°C/W
Rthjc
Thermal resistance junction to case
SOT23-5
SO-8
80
28
°C/W
Pmax
Maximum power dissipation(4) (@Tamb=25°C) for Tj=150°C
SOT23-5
SO-8
4.
Short-circuits can cause excessive heating. Destructive dissipation can result from short-circuits on all
amplifiers.
500
830
mW
ESD
HBM: human body model (5)
pins 1, 4, 5, 6, 7 and 8
pins 2 and 3
5.
Human body model: A 100pF capacitor is charged to the specified voltage, then discharged through a
1.5k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
2
0.5
kV
MM: machine model (6)
pins 1, 4, 5, 6, 7 and 8
pins 2 and 3
6.
Machine model: A 200pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
200
60
V
CDM: charged device model(7)
pins 1, 4, 5, 6, 7 and 8
pins 2 and 3
7.
Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to the ground through only one pin. This is done for all pins.
1.5
1.5
kV
Latch-up immunity
200
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22