Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL082ACN Datasheet(PDF) 12 Page - STMicroelectronics

No. de pieza TL082ACN
Descripción Electrónicos  GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL082ACN Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TL082ACN Datasheet HTML 8Page - STMicroelectronics TL082ACN Datasheet HTML 9Page - STMicroelectronics TL082ACN Datasheet HTML 10Page - STMicroelectronics TL082ACN Datasheet HTML 11Page - STMicroelectronics TL082ACN Datasheet HTML 12Page - STMicroelectronics TL082ACN Datasheet HTML 13Page - STMicroelectronics TL082ACN Datasheet HTML 14Page - STMicroelectronics TL082ACN Datasheet HTML 15Page - STMicroelectronics TL082ACN Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Package information
TL082 -TL082A - TL082B
12/17
6.1
8-pin plastic DIP package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A5.33
0.210
A1
0.38
0.015
A2
2.92
3.30
4.95
0.115
0.130
0.195
b
0.36
0.46
0.56
0.014
0.018
0.022
b2
1.14
1.52
1.78
0.045
0.060
0.070
c
0.20
0.25
0.36
0.008
0.010
0.014
D
9.02
9.27
10.16
0.355
0.365
0.400
E
7.62
7.87
8.26
0.300
0.310
0.325
E1
6.10
6.35
7.11
0.240
0.250
0.280
e
2.54
0.100
eA
7.62
0.300
eB
10.92
0.430
L
2.92
3.30
3.81
0.115
0.130
0.150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17