Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST3232ECN Datasheet(PDF) 18 Page - STMicroelectronics

No. de pieza ST3232ECN
Descripción Electrónicos  ±15kV ESD-Protection, 3 to 5.5V, low power, up to 250KBPS, RS-232 drivers and receivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3232ECN Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST3232ECN Datasheet HTML 12Page - STMicroelectronics ST3232ECN Datasheet HTML 13Page - STMicroelectronics ST3232ECN Datasheet HTML 14Page - STMicroelectronics ST3232ECN Datasheet HTML 15Page - STMicroelectronics ST3232ECN Datasheet HTML 16Page - STMicroelectronics ST3232ECN Datasheet HTML 17Page - STMicroelectronics ST3232ECN Datasheet HTML 18Page - STMicroelectronics ST3232ECN Datasheet HTML 19Page - STMicroelectronics ST3232ECN Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Package mechanical data
ST3232E
18/20
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
6.7
6.9
0.264
0.272
Bo
5.3
5.5
0.209
0.217
Ko
1.6
1.8
0.063
0.071
Po
3.9
4.1
0.153
0.161
P
7.9
8.1
0.311
0.319
Tape & Reel TSSOP16 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20