Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM79C940VC/W Datasheet(PDF) 82 Page - Advanced Micro Devices

No. de pieza AM79C940VC/W
Descripción Electrónicos  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940VC/W Datasheet(HTML) 82 Page - Advanced Micro Devices

Back Button AM79C940VC/W Datasheet HTML 78Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 79Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 80Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 81Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 82Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 83Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 84Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 85Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 86Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 144 page
background image
82
PC/AT Ethernet Adapter Card
I
S
A
B
U
S
SD7-SD0
SD15-SD8
AUI
Am79C940
TP
RJ45
IEEE
Address
PROM
GPSI/DAI
Header
Remote
Boot
PROM
CAM
D7-D0
D15-D8
DB15
SA19-SA0
16235D-12
System Interface - Simple PC/AT Ethernet Adapter Card Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More