Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM219N Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza LM219N
Descripción Electrónicos  HIGH SPEED DUAL COMPARATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM219N Datasheet(HTML) 8 Page - STMicroelectronics

  LM219N Datasheet HTML 1Page - STMicroelectronics LM219N Datasheet HTML 2Page - STMicroelectronics LM219N Datasheet HTML 3Page - STMicroelectronics LM219N Datasheet HTML 4Page - STMicroelectronics LM219N Datasheet HTML 5Page - STMicroelectronics LM219N Datasheet HTML 6Page - STMicroelectronics LM219N Datasheet HTML 7Page - STMicroelectronics LM219N Datasheet HTML 8Page - STMicroelectronics LM219N Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LM119-LM219-LM319
8/9
PACKAGE MECHANICAL DATA
14 PINS - PLASTIC DIP
Dim.
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
a1
0.51
0.020
B
1.39
1.65
0.055
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
15.24
0.600
F
7.1
0.280
i
5.1
0.201
L
3.3
0.130
Z
1.27
2.54
0.050
0.100



Html Pages

1 2 3 4 5 6 7 8 9