Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTM8031 Datasheet(PDF) 4 Page - Linear Technology

No. de pieza LTM8031
Descripción Electrónicos  EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTM8031 Datasheet(HTML) 4 Page - Linear Technology

  LTM8031 Datasheet HTML 1Page - Linear Technology LTM8031 Datasheet HTML 2Page - Linear Technology LTM8031 Datasheet HTML 3Page - Linear Technology LTM8031 Datasheet HTML 4Page - Linear Technology LTM8031 Datasheet HTML 5Page - Linear Technology LTM8031 Datasheet HTML 6Page - Linear Technology LTM8031 Datasheet HTML 7Page - Linear Technology LTM8031 Datasheet HTML 8Page - Linear Technology LTM8031 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LTM4613
4
4613fd
For more information www.linear.com/LTM4613
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4613 is tested under pulsed load conditions such that
TJ ≈ TA. The LTM4613E is guaranteed to meet performance specifications
over the 0°C to 125°C internal operating temperature range. Specifications
over the –40°C to 125°C internal operating temperature range are assured
by design, characterization and correlation with statistical process
controls. The LTM4613I is guaranteed to meet specifications over the
–40°C to 125°C internal operating temperature range. The LTM4613MP
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Control Section
VFB
Voltage at VFB Pin
IOUT = 0A, VOUT = 12V
l
0.591
0.6
0.609
V
VRUN
RUN Pin On/Off Threshold
1
1.5
1.9
V
ITRACK/SS
Soft-Start Charging Current
VTRACK/SS = 0V
–1
–1.5
–2
µA
VFCB
Forced Continuous Threshold
0.57
0.6
0.63
V
IFCB
Forced Continuous Pin Current
VFCB = 0V
–1
–2
µA
tON(MIN)
Minimum On-Time
(Note 3)
50
100
ns
tOFF(MIN)
Minimum Off-Time
(Note 3)
250
400
ns
RPLLIN
PLLIN Input Resistor
50
IDRVCC
Current into DRVCC Pin
VOUT = 12V, IOUT = 0A, DRVCC = 5V
22
30
mA
RFBHI
Resistor Between VOUT and VFB
Pins
99.5
100
100.5
VMPGM
Margin Reference Voltage
1.18
V
VMARG0,
VMARG1
MARG0, MARG1 Voltage
Thresholds
1.4
V
PGOOD
∆VFBH
PGOOD Upper Threshold
VFB Rising
7
10
13
%
∆VFBL
PGOOD Lower Threshold
VFB Falling
–7
–10
–13
%
∆VFB(HYS)
PGOOD Hysteresis
VFB Returning
1.5
%
VPGL
PGOOD Low Voltage
IPGOOD = 5mA
0.2
0.4
V
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full internal
operating temperature range, otherwise specifications are at TA = 25°C (Note 2), VIN = 24V, unless otherwise noted. Per Typical
Application (front page) configuration.
is guaranteed and tested over the full –55°C to 125°C internal operating
temperature range. Note that the maximum ambient temperature
consistent with these specifications is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
resistance and other environmental factors.
Note 3: 100% tested at die level only.
Note 4: See the Output Current Derating curves for different VIN, VOUT
and TA.
Note 5: Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com