Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

G1135P Datasheet(PDF) 4 Page - Wuxi Broadcom Microelectronics Technology Co., Ltd

No. de pieza G1135P
Descripción Electrónicos  High Precision CC/CV Primary-Side PWM Power Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GLOBAL [Wuxi Broadcom Microelectronics Technology Co., Ltd]
Página de inicio  http://www.globalsemi-group.com/
Logo GLOBAL - Wuxi Broadcom Microelectronics Technology Co., Ltd

G1135P Datasheet(HTML) 4 Page - Wuxi Broadcom Microelectronics Technology Co., Ltd

  G1135P Datasheet HTML 1Page - Wuxi Broadcom Microelectronics Technology Co., Ltd G1135P Datasheet HTML 2Page - Wuxi Broadcom Microelectronics Technology Co., Ltd G1135P Datasheet HTML 3Page - Wuxi Broadcom Microelectronics Technology Co., Ltd G1135P Datasheet HTML 4Page - Wuxi Broadcom Microelectronics Technology Co., Ltd G1135P Datasheet HTML 5Page - Wuxi Broadcom Microelectronics Technology Co., Ltd G1135P Datasheet HTML 6Page - Wuxi Broadcom Microelectronics Technology Co., Ltd G1135P Datasheet HTML 7Page - Wuxi Broadcom Microelectronics Technology Co., Ltd G1135P Datasheet HTML 8Page - Wuxi Broadcom Microelectronics Technology Co., Ltd G1135P Datasheet HTML 9Page - Wuxi Broadcom Microelectronics Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
G1135P
High Precision CC/CV Primary-Side PWM Power Switch
Rev. 1.0
4 of 10
4. Electrical Characteristics
(TA = 25℃, VDD=16V, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Supply Voltage
IVDD_ST
Standby current
VDD=13V
--
3.5
20.0
μA
IVDD_OP
Operation Current
INV=2V,CS=0V,
VDD =20V
--
0.9
1.5
mA
UVLO_ON
VDD Under Voltage
Lockout Enter
VDD falling
8.0
9.0
10.0
V
UVLO_OFF
VDD Under Voltage
Lockout Exit
VDD rising
13.5
14.5
16.0
V
OVP
Over voltage protection
voltage
Ramp up VDD until
gate clock is off
27.0
28.0
29.0
V
VDD_Clamp
Maximum VDD
operation voltage
IDD=10mA
32.0
33.5
35.0
V
Current Sense
TLEB
LEB time
--
--
500
--
ns
VTH_OC
Over current threshold
--
980
1000
1020
mV
ZSENSE_IN
Input Impedance
--
100
--
--
KΩ
T_SS
Soft start time
--
--
10
--
mS
Frequency Section
Freq_Max1
System Nominal switch
frequency
--
55
60
65
KHz
Freq_startup
--
INV=0V,Comp=5V
--
22
--
KHz
f/Freq
Frequency jitter range
--
--
+/-5
--
%
Error Amplifier Section
Vref_EA
Reference voltage for
EA
--
1.98
2.00
2.02
V
Gain
DC gain of the EA
--
--
60
--
dB
ICOMP_Max
Max. Cable
compensation current
INV=2V,COMP=0V
--
42
--
μA
Power MOS Section
BVdss
MOSFET Drain-Source
Breakdown Voltage
--
650
--
--
V
Rdson
On Resistance
--
--
4.4
--
Ω
Notes:
1.
Freq_Max indicates IC internal maximum clock frequency. In system application, the maximum operation
frequency of 60KHz nominal occurs at maximum output power or the transition point from CV to CC.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com