Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EV-RPG2-PNZ Datasheet(PDF) 9 Page - Analog Devices

No. de pieza EV-RPG2-PNZ
Descripción Electrónicos  Multiprotocol Two-Port Industrial Ethernet Platform: Module and Embedded Design Solutions with Precertified Protocols
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

EV-RPG2-PNZ Datasheet(HTML) 9 Page - Analog Devices

Back Button EV-RPG2-PNZ Datasheet HTML 5Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 6Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 7Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 8Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 9Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 10Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 11Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 12Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Data Sheet
ADIN2299
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. D | 9 of 21
Figure 6. Ball Configuration
Table 9. Ball Function Descriptions
Ball No.
Mnemonic
Direction
Description
A2, A14, A15, B1, B14, B16,
C1, C2, C14, C15, E1, E2,
E15, F2, F15, H3, J3, K3, L3,
L16, M3, M16, M17, N3, P15,
R5, R6, R9, R12, R13, T17,
U9
NC
Not applicable
No Connect.
A3, A13, A16, B3, B13, C3,
C7, C8, C10, D1, D2, D3, D4,
D5, D14, D15, E3, E4, F1,
G7, G8, G9, G10, G11, G15,
G16, G17, H1, H2, H7, H8,
H9, H10, H11, H15, J7, J8,
J9, J10, J11, J15, K1, K2, K7,
K8, K9, K10, K11, K15, K16,
K17, L7, L8, L9, L10, L11, L15,
GND
Not applicable
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21