Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STP08DP05XTTR Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza STP08DP05XTTR
Descripción Electrónicos  Low voltage 8-Bit constant current Led sink with full outputs error detection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP08DP05XTTR Datasheet(HTML) 3 Page - STMicroelectronics

  STP08DP05XTTR Datasheet HTML 1Page - STMicroelectronics STP08DP05XTTR Datasheet HTML 2Page - STMicroelectronics STP08DP05XTTR Datasheet HTML 3Page - STMicroelectronics STP08DP05XTTR Datasheet HTML 4Page - STMicroelectronics STP08DP05XTTR Datasheet HTML 5Page - STMicroelectronics STP08DP05XTTR Datasheet HTML 6Page - STMicroelectronics STP08DP05XTTR Datasheet HTML 7Page - STMicroelectronics STP08DP05XTTR Datasheet HTML 8Page - STMicroelectronics STP08DP05XTTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
STP08DP05
Summary description
3/30
1
Summary description
1.1
Pin connection and description
Note:
The Exposed-pad is electrically not connected
Table 2. Typical current accuracy
Output voltage
Current accuracy
Output current
Between bits
Between ICs
≥1.3V
±1.5%
±5%
20 to 100mA
Figure 1.
Connections diagram
Table 3. Pin description
PIN N°
Symbol
Name and function
1
GND
Ground terminal
2
SDI
Serial data input terminal
3
CLK
Clock input terminal
4
LE/DM1
Latch input terminal
5-12
OUT 0-7
Output terminal
13
OE/DM2
Output enable input terminal (active low)
14
SDO
Serial data out terminal
15
R-EXT
Constant current programming
16
VDD
5V Supply voltage terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30