Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DER-57 Datasheet(PDF) 10 Page - Power Integrations, Inc.

No. de pieza DER-57
Descripción Electrónicos  3W Power Supply using LNK501P
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWERINT [Power Integrations, Inc.]
Página de inicio  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-57 Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button DER-57 Datasheet HTML 6Page - Power Integrations, Inc. DER-57 Datasheet HTML 7Page - Power Integrations, Inc. DER-57 Datasheet HTML 8Page - Power Integrations, Inc. DER-57 Datasheet HTML 9Page - Power Integrations, Inc. DER-57 Datasheet HTML 10Page - Power Integrations, Inc. DER-57 Datasheet HTML 11Page - Power Integrations, Inc. DER-57 Datasheet HTML 12Page - Power Integrations, Inc. DER-57 Datasheet HTML 13Page - Power Integrations, Inc. DER-57 Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
DER-57
Industrial – LNK501P
April 20, 2005
Page 10 of 26
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
6
Bill Of Materials
Item
Quantity Reference
Part Description
1
2
C2, C8
Capacitor, 10
µF, 400 V
2
1
C1
Capacitor, 10
µF, 16 V, General Purpose
3
1
C3
Capacitor, 0.1
µF, 5%, 100 V, Metallized Film – Capacitor,
Panasonic, part # ECQ-V1104JM
4
1
C4
Capacitor, Ceramic, 470 pF, 100 V
5
1
C5
Capacitor, X-cap, 0.1
µF
6
1
C6
Capacitor, Film, 100 nF, 630V
7
1
C7
Capacitor, 470
µF, 25 V, Low ESR Panasonic FC Series
8
1
C9
Capacitor, Y-cap, 2200 pF
9
7
D1, D2, D3, D5,
D6, D7, D8
Diode, 1N4005, 1 A, 600 V
10
1
D9
Diode, 1N4937, 1 A, 600 V, Fast Rectifier
11
1
D4
Diode, SB1100, 1 A, 100 V, Schottky
12
1
L1
Inductor, 2.2 mH
13
1
L2
Ferrite Bead
14
1
R1
10
Ω, 1 W, Fusible
15
1
R2
51
Ω, 5%, 1/4 W
16
1
R5
220
Ω, 5%, 1/2 W
17
1
R4
1 k
Ω, 5%, 1/2 W
18
1
R3
30.9 k
Ω, 1%, 1/4 W
19
1
T1
Custom EE16
20
1
U1
LNK501P – Power Integrations, Inc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com