Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PD55003STR-E Datasheet(PDF) 19 Page - STMicroelectronics

No. de pieza PD55003STR-E
Descripción Electrónicos  RF power transistor from the LdmoST plastic family of N-channel enhancement-mode lateral MOSFETs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55003STR-E Datasheet(HTML) 19 Page - STMicroelectronics

Back Button PD55003STR-E Datasheet HTML 15Page - STMicroelectronics PD55003STR-E Datasheet HTML 16Page - STMicroelectronics PD55003STR-E Datasheet HTML 17Page - STMicroelectronics PD55003STR-E Datasheet HTML 18Page - STMicroelectronics PD55003STR-E Datasheet HTML 19Page - STMicroelectronics PD55003STR-E Datasheet HTML 20Page - STMicroelectronics PD55003STR-E Datasheet HTML 21Page - STMicroelectronics PD55003STR-E Datasheet HTML 22Page - STMicroelectronics PD55003STR-E Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
PD55003-E
Common source s-parameter
Doc ID 12273 Rev 4
19/29
Table 13.
S-parameter for the PowerSO-10RF straight lead (VDS = 12.5 V, IDS = 0.15 A)
Freq
(MHz)
IS11IS11∠Φ
IS21IS21∠Φ
IS12IS12 - DF
IS22IS22 - DF
50
0.790
-120
22
107
0.038
17
0.682
-114
100
0.773
-145
11
89
0.039
-2
0.647
-138
150
0.791
-154
7
78
0.039
-9
0.640
-147
200
0.807
-159
5
70
0.037
-19
0.671
-151
250
0.820
-162
4
63
0.036
-23
0.691
-154
300
0.836
-164
3
56
0.033
-29
0.728
-156
350
0.850
-166
3
50
0.032
-33
0.751
-158
400
0.867
-167
2
45
0.030
-36
0.782
-160
450
0.880
-169
2
40
0.027
-43
0.808
-161
500
0.890
-170
2
36
0.024
-43
0.835
-163
550
0.902
-171
1
33
0.023
-50
0.845
-165
600
0.911
-172
1
29
0.022
-51
0.864
-166
650
0.919
-173
1
26
0.020
-55
0.872
-167
700
0.923
-174
1
23
0.018
-52
0.884
-169
750
0.924
-176
1
20
0.016
-55
0.887
-170
800
0.933
-177
1
18
0.015
-55
0.895
-172
850
0.936
-177
1
15
0.015
-56
0.912
-173
900
0.940
-178
1
13
0.012
-59
0.916
-174
950
0.943
-179
1
11
0.011
-53
0.926
-176
1000
0.944
-180
1
8
0.008
-60
0.943
-177
1050
0.949
180
1
7
0.007
-64
0.935
-177
1100
0.948
179
0
4
0.007
-44
0.944
-178
1150
0.950
178
0
3
0.006
-44
0.939
-179
1200
0.950
177
0
-1
0.005
-50
0.942
-180
1250
0.955
177
0
-2
0.004
-42
0.941
179
1300
0.951
176
0
-4
0.004
-41
0.933
178
1350
0.953
175
0
-5
0.004
-50
0.933
177
1400
0.953
175
0
-7
0.002
-41
0.947
176
1450
0.952
173
0
-9
0.002
-13
0.952
175
1500
0.949
173
0
-10
0.000
-3
0.958
174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29