| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PL75S-7 Datasheet(PDF) 67 Page - Emerson Network Power |
|
|
|||||||||||||||||||||||||||||
PL75S-7 Datasheet(HTML) 67 Page - Emerson Network Power |
|
67 / 100 page ![]() 65 BNC Bulk Packaging Bulk packaging for UPL220 Series BNC plugs ... Trompeter offers Tool Crimp BNC's bulk packed in convenient vacuum-formed plastic trays. Bulk packaging is perfect for OEM and high-volume, on-site installations. Includes: (50) Body Assemblies (51) Crimp Sleeves (52) Center Contact Pins Assembly Instructions Example: UPL220-026/T50 BNC part number, Vacuum Tray part number For cable groups see pages 78-120. (Not available for cable groups -017) BNC Coax Assembly Training Video Trompeter has produced a video which outlines the major features of our BNC design, describes the tools for reliable installation, and gives step-by-step assembly instructions. The BNC Assembly Video CD is available at no cost to Trompeter Customers. For additional information or for a free demonstration, contact your local Sales Representative log on to our web site at www.EmersonConnectivity.com and locate the rep nearest you. LENGTH Tool Kit & Bulk Packaging Tool Kits Tools & Accessories Tool Kit Part Number Pin Height Indicator Crimp Tool 8-Point Indentor Crimp Tool 12-Point Indentor BNC/Mini-WECo Electrical Gauge Crimp Die Center Contact Gauge TK4NL-1 UPLCG-1 010-0097 Not Included Not Included CD3-19 Not Included TK4NL-1A UPLCG-1 010-0097 Not Included Not Included CD3-19 Not Included TK4NL-2 UPLCG-1 Not Included 010-0098 Not Included CD3-19 Not Included TK4NL-3 UPLCG-1 010-0097 010-0098 Not Included CD3-19 Not Included TK4NL-4 Not Included 010-0097 Not Included 010-0108 CD3-19 Not Included TK4NL-5 Not Included Not Included 010-0080 010-0108 CD3-19 010-0101 All Tool Kits Include: Case, BCS Cable Stripper with BCS Cutter heads (one C24T3D and one C24T3I), Cable Cutter (part number 700-0024), and Ergonomic Crimp Tool w/long handle CT4L with Crimp Die CD3-19 embosses the die cavity size on the crimp sleeve either .178 or .255. Contact customer service for custom tool kits. BNC/TRB Cable Plug Type Length RT1XL straight 22.00" RT1L straight 12.00" RTR-1L right angle 12.00" RTR-1XL right angle 22.00" RT1S straight 6.00" RT1SS straight 3.75" RTC-1L (insulated) straight 12.00" TPS, TCM, TRS, TTM, MBNC Type Length RT4L straight 12.00" RT4S straight 6.00" RTC-4L (insulated) straight 12.00" |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |