| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MAX96751 Datasheet(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
MAX96751 Datasheet(HTML) 2 Page - Analog Devices |
|
2 / 289 page ![]() Simplified Block Diagram RXC± RX0± RX1± RX2± SERIAL TO PARALLEL PLL TMDS DECODE AND HDMI CONTROLLER EDID CONTROL CHANNEL SPI GPIO I2C/UART POWER-UP SENSE HDMI SOURCE POWER HPD BUFFER HOT PLUG DETECT WATERMARK GENERATION AUDIO VIDEO GMSL2 PROTOCOL SCRAMBLE 9B/10B ENCODE PARALLEL TO SERIAL DEVICE CONTROL PWDNB I2CSEL ERROR DETECTION LMN0A LMN1A ERRB DDC HDMI INPUT ADD[2:0] PLL X1/OSC X2 CXTP SIOA+ SIOA− REVERSE CHANNEL RECEIVERS AUDIO SD WS SCK SDOR SCKOR WSOR DESCRAMBLE 9B/10B DECODE SERIAL TO PARALLEL CONTROL CHANNEL FIFO FIFO FIFO LOCK RCLKEN SIOB+ SIOB− MAX96751 GMSL2 Serializer with HDMI 2.0 Input www.analog.com Analog Devices | 2 |