| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SAB9079HS Datasheet(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SAB9079HS Datasheet(HTML) 21 Page - NXP Semiconductors |
|
21 / 48 page ![]() 2000 Jan 13 21 Philips Semiconductors Preliminary specification Multistandard Picture-In-Picture (PIP) controller SAB9079HS Table 12 PIP numbering ROW COLUMN 0 COLUMN 1 COLUMN 2 COLUMN 3 0 PIPG0,0 PIPG0,1 PIPG0,2 PIPG0,3 1 PIPG1,0 PIPG1,1 PIPG1,2 PIPG1,3 2 PIPG2,0 PIPG2,1 PIPG2,2 PIPG2,3 3 PIPG3,0 PIPG3,1 PIPG3,2 PIPG3,3 ACQUISITION CONTROL Acquisition control sets the reduction factors, the acquisition fine positioning and the channel selection bits are given in Table 13. SHRed, SVRed, MHRed and MVRed The reduction factors can be set in accordance with Table 14. SAHfp and SAVfp The SAHfp and SAVfp bits control the horizontal (2 pixels/step) and vertical (1 line/field/step) sub acquisition positioning (upper left corner). When SAHfp is set to logic 0, the sub channel will enter the freeze mode. MAHfp and MAVfp The MAHfp and MAVfp bits control the horizontal (2 pixels/step) and vertical (1 line/field/step) main acquisition positioning (upper left corner). When MAHfp is set to logic 0, the main channel will enter the freeze mode. SLSel and MLSel Bits SLSel and MLSel select which PIP is updated. A maximum of 16 PIPs can be displayed for the sub channel. The number counting is done from the left to right and from top to bottom. If all PIPs are on (see Table 12) 16 PIPs are displayed. If PIPs are put off the maximum number is limited to the number of PIPs displayed. In the PIP mode where the main and sub channel have the same reduction factors the main channel can write in sub VDRAM address spaces according to the same numbering. In all other cases MLSel is inoperative and should be set to 0H. For replay and other trick modes more PIPs can be stored and addressed via the higher numbers (17 to 60). The numbers 61, 62 and 63 are not valid. Table 13 Acquisition and channel selection bits SUB ADDRESS DATA BYTES BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 18H − SVRed(2 : 0) − SHRed(2 : 0) 19H − MVRed(2 : 0) − MHRed(2 : 0) 1AH SAHfp(7 : 0) 1BH SAVfp(7 : 0) 1CH MAHfp(7 : 0) 1DH MAVfp(7 : 0) 1EH −− SLSel(5 : 0) 1FH −− MLSel(5 : 0) |