| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SVR1038B Datasheet(PDF) 1 Page - Solid States Devices, Inc |
|
|
|||||||||||||||||||||||||||||
SVR1038B Datasheet(HTML) 1 Page - Solid States Devices, Inc |
|
1 / 3 page ![]() PRELIMINARY SOLID STATE DEVICES, INC. SVR1038N, P, B, & A 14830 Valley View Blvd * La Mirada, Ca 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 FEATURES: • 10A Output over 1.2 - 32V Voltage Range. • Eutectic Die Attach • Compatible with LM117 and LM138 Types • Replaces LM396 Types • Fast Switching • Isolated Hermetically Sealed Power Package • 150oC Operating Temperature • Custom Lead Forming Available • Ceramic Seal Package Available • Class H or K (Space) Screening Available Designer's Data Sheet NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release. SVR0003A DATA SHEET #: 10 Amps ADJUSTABLE LINEAR VOLTAGE REGULATOR MAXIMUM RATINGS SYMBOL UNITS VALUE 35 V ªVIN/OUT Input to Output Voltage Differential PD Internally Limited SVR1038 N DB H Part Number /Ordering Information 1/ Screening 2/: _ = Not Screened H = High Rel Level K = Space Level R = Radiation Tolerant Lead Bend: 3/ _ = Straight DB = Down Bend UB = Up Bend Package: 4/ N = TO-254 P = TO-254Z B = MilPack II A = MilPack III TO-258 (N): TO-259 (P): MilPack II (B): MilPack III (A): Power Dissipation oC -65 TO +150 TSTG Storage Temperature Control Section Power Transistor oC -55 TO +150 -55 TO +200 TJ Operating Junction Temperature |
Número de pieza similar - SVR1038B |
|
Descripción similar - SVR1038B |