| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SAA7380GP Datasheet(PDF) 32 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SAA7380GP Datasheet(HTML) 32 Page - NXP Semiconductors |
|
32 / 60 page ![]() 1996 Apr 25 32 Philips Semiconductors Preliminary specification Error correction and host interface IC for CD-ROM (ELM) SAA7380 8 LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). Note 1. All VDD and VSS connections must be made externally to the same associated power supply. 9 THERMAL CHARACTERISTICS SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT VDDD1 digital supply voltage 1 note 1 −0.5 +4.5 V VDDD2 digital supply voltage 2 note 1 −0.5 +6.5 V VI(max) maximum input voltage on any input −0.5 VDDD + 0.5 V VO output voltage on any output −0.5 +6.5 V IO output current (continuous) − 20 mA IIK DC input diode current (continuous) − 20 mA Pdiss power dissipation − 400 mW Tstg storage temperature −55 +125 °C Tamb operating ambient temperature 0 +70 °C SYMBOL DESCRIPTION VALUE UNIT Rthj-a thermal resistance from junction to ambient in free air 55 K/W |