| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SPX2431AM/TR Datasheet(PDF) 8 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SPX2431AM/TR Datasheet(HTML) 8 Page - Sipex Corporation |
|
8 / 9 page ![]() 8 Date: 1/19/05 SPX2431 Precision Adjustable Shunt Regulator © Copyright 2005 Sipex Corporation PACKAGES: 3 PIN SOT-23 A A2 A1 SIDE VIEW A A Seating Plane C c WITH PLATING BASE METAL b E E1 e e1 D b 1 2 3 L1 L Gauge Plane VIEW C SEE VIEW C B B SECTION B-B VIEW A-A Seating Plane Ø SYMBOL MIN NOM MAX A 0.89 - 1.12 A1 0.01 - 0.1 A2 0.88 0.95 1.02 b 0.3 - 0.5 c 0.08 - 0.2 D 2.8 2.9 3.04 e e1 E 0.95 - 2.64 E1 1.2 1.3 1.4 L 0.4 0.5 0.6 L1 ø0º - 8º Note: Dimensions in (mm) 3 Pin SOT-23 JEDEC TO-236 (AB) Variation 0.95 BSC 1.90 BSC 0.54 REF |