Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SP490ES Datasheet(PDF) 11 Page - Sipex Corporation

No. de pieza SP490ES
Descripción Electrónicos  Full Duplex RS-485 Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIPEX [Sipex Corporation]
Página de inicio  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP490ES Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP490ES Datasheet HTML 4Page - Sipex Corporation SP490ES Datasheet HTML 5Page - Sipex Corporation SP490ES Datasheet HTML 6Page - Sipex Corporation SP490ES Datasheet HTML 7Page - Sipex Corporation SP490ES Datasheet HTML 8Page - Sipex Corporation SP490ES Datasheet HTML 9Page - Sipex Corporation SP490ES Datasheet HTML 10Page - Sipex Corporation SP490ES Datasheet HTML 11Page - Sipex Corporation SP490ES Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Date: 02/24/05
SP490/491 Full Duplex RS-485 Transceivers
© Copyright 2005 Sipex Corporation
PACKAGE: 14 PIN PDIP
INDEX
AREA
b
N
1
2
3
N/2
c
D1
eA
eB
E
c
SYMBOL
MIN
NOM
MAX
A-
-
0.21
A1
0.15
-
-
A2
0.115
0.13
0.195
b0.014
0.018
0.022
b2
0.045
0.06
0.07
b3
0.3
0.039
0.045
c0.008
0.01
0.014
D0.735
0.75
0.755
D1
0.005
-
-
E0.3
0.31
0.325
E1
0.24
0.25
0.28
e
eA
eB
-
-
0.43
L0.115
0.13
0.15
Note: Dimensions in (mm)
.100 BSC
.300 BSC
14 PIN PDIP JEDEC MS-001 (AA) Variation
E
E1
D
A
L
A2
A1
b
b2
e
b3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12