| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
XRT8000IP Datasheet(PDF) 6 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT8000IP Datasheet(HTML) 6 Page - Exar Corporation |
|
6 / 24 page ![]() XRT8000 6 Rev. 1.11 AC ELECTRICAL CHARACTERISTICS (See Figure 5). Symbol Parameter Min. Typ. Max. Unit Conditions AC Electrical Characteristics (See Figure 5) T21 CSB to SCLK Setup Time 50 ns T22 SCLK to CSB Hold Time 20 ns T23 SDI to SCLK Setup Time 50 ns T24 SCLK to SDI Hold Time 50 ns T25 SCLK Low Time 240 ns T26 SCLK High Time 240 ns T27 SCLK Period 500 ns T28 SCLK to CSB Hold Time 50 ns T29 CSB Inactive Time 250 ns T30 SCLK to SDO Valid 200 ns T31 SCLK to SDOx Delay 100 ns T32 SCLK Edge or CSB Edge to SDO HZ 100 ns T33 Rise/Fall Time SDO Output 40 ns Specifications are subject to change without notice ABSOLUTE MAXIMUM RATINGS Supply Range 7V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Voltage at Any Pin GND0.3V to Vcc +0.3V . . . . . . . . . Operating Temperature 40°C to +85°C . . . . . . . . . . . . Storage Temperature 40°C to +150°C . . . . . . . . . . . . . Package Dissipation 500mW . . . . . . . . . . . . . . . . . . . . FIN CLK1 or CLK2 SYNC T1 T3 T4 T5 T9 T10 T12 T7 T13 Figure 3. Clocks Timing T2 T2 T14 |