Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPXHZ6250A Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

No. de pieza MPXHZ6250A
Descripción Electrónicos  Media Resistant and High Temperature Accuracy Integrated Silicon Pressure Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXHZ6250A Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPXHZ6250A Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXHZ6250A Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXHZ6250A Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXHZ6250A Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXHZ6250A Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXHZ6250A Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXHZ6250A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXHZ6250A Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MPXHZ6250A
Rev 0, 09/2005
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2005. All rights reserved.
Media Resistant and
High Temperature Accuracy
Integrated Silicon Pressure Sensor
for Measuring Absolute Pressure,
On-Chip Signal Conditioned,
Temperature Compensated
and Calibrated
The Freescale MPXHZ6250A series sensor integrates on-chip, bipolar op
amp circuitry and thin film resistor networks to provide a high output signal and
temperature compensation. The small form factor and high reliability of on-chip
integration make the Freescale sensor a logical and economical choice for
automotive system designers.
The MPXHZ6250A series piezoresistive transducer is a state-of-the-art,
monolithic, signal conditioned, silicon pressure sensor. This sensor combines
advanced micromachining techniques, thin film metallization, and bipolar
semiconductor processing to provide an accurate, high level analog output signal
that is proportional to applied pressure.
Figure 1 shows a block diagram of the internal circuitry integrated on a
pressure sensor chip.
Features
Improved Accuracy at High Temperature
Available in Small and Super Small Outline Packages
1.5% Maximum Error over 0
° to 85°C
Ideally suited for Microprocessor or Microcontroller-Based Systems
Temperature Compensated from –40
° to +125°C
Durable Thermoplastic (PPS) Surface Mount Package
Typical Applications
Industrial Controls
Engine Control/Liquified Petroleum Gas (LPG)
ORDERING INFORMATION
Device
Type
Options
Case
No.
MPX Series
Order No.
Packing
Options
Device
Marking
Ported
Element
Absolute, Axial
Port
1317A MPXHZ6250AC6T1 Tape & Reel MPXHZ6250A
MPXHZ6250A
INTEGRATED
PRESSURE SENSOR
20 to 250 kPa (3.0 to 36 psi)
0.3 to 4.9 V OUTPUT
MPXHZ6250AC6T1
CASE 1317A-03
PIN NUMBERS(1)
1. Pins 1, 5, 6, 7, and 8 are internal device
connections. Do not connect to external
circuitry or ground. Pin 1 is noted by the
notch in the lead.
1
N/C
5
N/C
2
VS
6
N/C
3
GND
7
N/C
4
VOUT
8
N/C
SUPER SMALL OUTLINE PACKAGE


Número de pieza similar - MPXHZ6250A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MPXHZ6250A FREESCALE-MPXHZ6250A Datasheet
192Kb / 11P
High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXHZ6250A6T1 FREESCALE-MPXHZ6250A6T1 Datasheet
192Kb / 11P
High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXHZ6250A6T1 FREESCALE-MPXHZ6250A6T1 Datasheet
181Kb / 12P
High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MPXHZ6250A6U FREESCALE-MPXHZ6250A6U Datasheet
192Kb / 11P
High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXHZ6250A6U FREESCALE-MPXHZ6250A6U Datasheet
181Kb / 12P
High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
More results

Descripción similar - MPXHZ6250A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MPXH6250A MOTOROLA-MPXH6250A Datasheet
293Kb / 8P
HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
MPXAZ6115A MOTOROLA-MPXAZ6115A Datasheet
251Kb / 12P
Media Resistant and High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXH6300A MOTOROLA-MPXH6300A Datasheet
303Kb / 8P
HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
logo
Freescale Semiconductor...
MPXHZ6400A FREESCALE-MPXHZ6400A Datasheet
229Kb / 8P
Media Resistant and High Temperature Accuracy Intergrated Silicon Pressure Sensor
MPXAZ6115A FREESCALE-MPXAZ6115A Datasheet
355Kb / 15P
Media Resistant and High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXA6400A FREESCALE-MPXA6400A Datasheet
189Kb / 11P
High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXV5050V FREESCALE-MPXV5050V Datasheet
96Kb / 8P
High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXV6115V FREESCALE-MPXV6115V Datasheet
97Kb / 8P
High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXA6115A FREESCALE-MPXA6115A_12 Datasheet
286Kb / 17P
High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXH6300A FREESCALE-MPXH6300A_12 Datasheet
186Kb / 13P
High Temperature Accuracy Integrated Silicon Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com