| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPX5010D Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPX5010D Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc |
|
12 / 18 page ![]() PACKAGE DIMENSIONS NOTES: 1. 2. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. CONTROLLING DIMENSION: INCH. R X 12 3 4 5 6 PORT #2 VACUUM (P2) PORT #1 POSITIVE PRESSURE (P1) PORT #1 POSITIVE PRESSURE (P1) PIN 1 PORT #2 VACUUM (P2) SEATING PLANE SEATING PLANE -T- -T- P G C J N B F D 6 PL W V L U S K -Q- -A- M Q M 0.25 (0.010) T M A M 0.13 (0.005) STYLE 1: PIN 1. VOUT 2. GROUND 3. VCC 4. V1 5. V2 6. VEX DIM MIN MAX MIN MAX MILLIMETERS INCHES A 1.145 1.175 29.08 29.85 B 0.685 0.715 17.40 18.16 C 0.405 0.435 10.29 11.05 D 0.027 0.033 0.68 0.84 F 0.048 0.064 1.22 1.63 G 0.100 BSC 2.54 BSC J 0.014 0.016 0.36 0.41 K 0.695 0.725 17.65 18.42 L 0.290 0.300 7.37 7.62 N 0.420 0.440 10.67 11.18 P 0.153 0.159 3.89 4.04 Q 0.153 0.159 3.89 4.04 R 0.063 0.083 1.60 2.11 S U 0.910 BSC 23.11 BSC V 0.182 0.194 4.62 4.93 W 0.310 0.330 7.87 8.38 X 0.248 0.278 6.30 7.06 0.220 0.240 5.59 6.10 NOTES: 1. 2. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. CONTROLLING DIMENSION: INCH. INCHES 0.100 BSC MILLIMETERS 2.54 BSC DIM A B C D E F G J K N S V MIN 0.690 0.245 0.780 0.027 0.178 0.048 0.014 0.345 0.300 0.220 0.182 MAX 0.255 0.820 0.033 0.186 0.064 0.016 0.375 0.310 0.240 0.720 0.194 MIN 17.53 6.22 19.81 0.69 4.52 1.22 0.36 8.76 7.62 5.59 4.62 MAX 18.28 6.48 20.82 0.84 4.72 1.63 0.41 9.53 7.87 6.10 4.93 STYLE 1: PIN 1. VOUT 2. GROUND 3. VCC 4. V1 5. V2 6. VEX A 65 4 3 2 1 C K N E -B- PORT #1 POSITIVE PRESSURE (P1) J -T- S G F D 6 PL PIN 1 M B M 0.13 (0.005) T V CASE 867C-05 ISSUE F UNIBODY PACKAGE CASE 867E-03 ISSUE D UNIBODY PACKAGE MPX5010 Sensors 12 Freescale Semiconductor |