Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPC8541CPXAPE Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

No. de pieza MPC8541CPXAPE
Descripción Electrónicos  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8541CPXAPE Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC8541CPXAPE Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8541CPXAPE Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8541CPXAPE Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8541CPXAPE Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8541CPXAPE Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8541CPXAPE Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8541CPXAPE Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8541CPXAPE Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8541CPXAPE Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 84 page
background image
MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
4
Freescale Semiconductor
Overview
— SRAM operation supports relocation and is byte-accessible
— Cache mode supports instruction caching, data caching, or both
— External masters can force data to be allocated into the cache through programmed memory
ranges or special transaction types (stashing)
— Eight-way set-associative cache organization (1024 sets of 32-byte cache lines)
— Supports locking the entire cache or selected lines
– Individual line locks set and cleared through Book E instructions or by externally mastered
transactions
— Global locking and flash clearing done through writes to L2 configuration registers
— Instruction and data locks can be flash cleared separately
— Read and write buffering for internal bus accesses
•
Address translation and mapping unit (ATMU)
— Eight local access windows define mapping within local 32-bit address space
— Inbound and outbound ATMUs map to larger external address spaces
– Three inbound windows plus a configuration window on PCI
– Four inbound windows
– Four outbound windows plus default translation for PCI
•
DDR memory controller
— Programmable timing supporting first generation DDR SDRAM
— 64-bit data interface, up to MHz data rate
— Four banks of memory supported, each up to 1 Gbyte
— DRAM chip configurations from 64 Mbits to 1 Gbit with x8/x16 data ports
— Full ECC support
— Page mode support (up to 16 simultaneous open pages)
— Contiguous or discontiguous memory mapping
— Sleep mode support for self refresh DDR SDRAM
— Supports auto refreshing
— On-the-fly power management using CKE signal
— Registered DIMM support
— Fast memory access via JTAG port
— 2.5-V SSTL2 compatible I/O
•
Programmable interrupt controller (PIC)
— Programming model is compliant with the OpenPIC architecture
— Supports 16 programmable interrupt and processor task priority levels
— Supports 12 discrete external interrupts
— Supports 4 message interrupts with 32-bit messages
— Supports connection of an external interrupt controller such as the 8259 programmable
interrupt controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84