Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPC8270VRT Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

No. de pieza MPC8270VRT
Descripción Electrónicos  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270VRT Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MPC8270VRT Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8270VRT Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8270VRT Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8270VRT Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8270VRT Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8270VRT Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8270VRT Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8270VRT Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8270VRT Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
32
Freescale Semiconductor
Clock Configuration Modes
Table 18. Clock Configurations for PCI Host Mode (PCI_MODCK=1) 1, 2
Mode 3
Bus Clock 4
(MHz)
CPM
Multiplication
Factor 5
CPM Clock
(MHz)
CPU
Multiplication
Factor 6
CPU Clock
(MHz)
PCI
Division
Factor
PCI Clock
(MHz)
MODCK_H-
MODCK[1-3]
Low
High
Low
High
Low
High
Low High
Default Modes (MODCK_H=0000)
0000_000
60.0
100.0
2
120.0 200.0
2.5
150.0 250.0
4
30.0 50.0
0000_001
50.0
100.0
2
100.0 200.0
3
150.0 300.0
4
25.0 50.0
0000_010
60.0
120.0
2.5
150.0 300.0
3
180.0 360.0
6
25.0 50.0
0000_011
60.0
120.0
2.5
150.0 300.0
3.5
210.0 420.0
6
25.0 50.0
0000_100
60.0
120.0
2.5
150.0 300.0
4
240.0 480.0
6
25.0 50.0
0000_101
50.0
100.0
3
150.0 300.0
3
150.0 300.0
6
25.0 50.0
0000_110
50.0
100.0
3
150.0 300.0
3.5
175.0 350.0
6
25.0 50.0
0000_111
50.0
100.0
3
150.0 300.0
4
200.0 400.0
6
25.0 50.0
Full Configuration Modes
0001_000
50.0
100.0
3
150.0 300.0
5
250.0 500.0
6
25.0 50.0
0001_001
50.0
100.0
3
150.0 300.0
6
300.0 600.0
6
25.0 50.0
0001_010
50.0
100.0
3
150.0 300.0
7
350.0 700.0
6
25.0 50.0
0001_011
50.0
100.0
3
150.0 300.0
8
400.0 800.0
6
25.0 50.0
0010_000
50.0
100.0
4
200.0 400.0
5
250.0 500.0
8
25.0 50.0
0010_001
50.0
100.0
4
200.0 400.0
6
300.0 600.0
8
25.0 50.0
0010_010
50.0
100.0
4
200.0 400.0
7
350.0 700.0
8
25.0 50.0
0010_011
50.0
100.0
4
200.0 400.0
8
400.0 800.0
8
25.0 50.0
0010_100
37.5
75.0
4
150.0 300.0
5
187.5 375.0
6
25.0 50.0
0010_101
37.5
75.0
4
150.0 300.0
5.5
206.3 412.5
6
25.0 50.0
0010_110
37.5
75.0
4
150.0 300.0
6
225.0 450.0
6
25.0 50.0
0011_000
30.0
50.0
5
150.0 250.0
5
150.0 250.0
5
30.0 50.0
0011_001
25.0
50.0
5
125.0 250.0
6
150.0 300.0
5
25.0 50.0
0011_010
25.0
50.0
5
125.0 250.0
7
175.0 350.0
5
25.0 50.0
0011_011
25.0
50.0
5
125.0 250.0
8
200.0 400.0
5
25.0 50.0
0100_000
Reserved
0100_001
25.0
50.0
6
150.0 300.0
6
150.0 300.0
6
25.0 50.0
0100_010
25.0
50.0
6
150.0 300.0
7
175.0 350.0
6
25.0 50.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80