| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC8541ECVTAQD Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8541ECVTAQD Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc |
|
59 / 84 page ![]() MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4 Freescale Semiconductor 59 Package and Pin Listings TSEC2_TX_EN B11 O LVDD 11 TSEC2_TX_ER D11 O LVDD TSEC2_TX_CLK D10 I LVDD TSEC2_GTX_CLK C10 O LVDD TSEC2_CRS D9 I LVDD TSEC2_COL F8 I LVDD TSEC2_RXD[7:0] F9, E9, C9, B9, A9, H9, G10, F10 I LVDD TSEC2_RX_DV H8 I LVDD TSEC2_RX_ER A8 I LVDD TSEC2_RX_CLK E10 I LVDD DUART UART_CTS[0,1] Y2, Y3 I OVDD UART_RTS[0,1] Y1, AD1 O OVDD UART_SIN[0,1] P11, AD5 I OVDD UART_SOUT[0,1] N6, AD2 O OVDD I2C interface IIC_SDA AH22 I/O OVDD 4, 19 IIC_SCL AH23 I/O OVDD 4, 19 System Control HRESET AH16 I OVDD HRESET_REQ AG20 O OVDD 18 SRESET AF20 I OVDD CKSTP_IN M11 I OVDD CKSTP_OUT G1 O OVDD 2, 4 Debug TRIG_IN N12 I OVDD TRIG_OUT/READY G2 O OVDD 6, 9, 18 MSRCID[0:1] J9, G3 O OVDD 5, 6, 9 MSRCID[2:3] F3, F5 O OVDD 6 MSRCID4 F2 O OVDD 6 MDVAL F4 O OVDD 6 Table 43. MPC8541E Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |