Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPC8541EVTALF Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

No. de pieza MPC8541EVTALF
Descripción Electrónicos  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8541EVTALF Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button MPC8541EVTALF Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8541EVTALF Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8541EVTALF Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8541EVTALF Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8541EVTALF Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8541EVTALF Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8541EVTALF Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8541EVTALF Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8541EVTALF Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 84 page
background image
MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
69
Thermal
16.2.2
Internal Package Conduction Resistance
For the packaging technology, shown in Table 49, the intrinsic internal conduction thermal resistance paths
are as follows:
•
The die junction-to-case thermal resistance
•
The die junction-to-board thermal resistance
Figure 43 depicts the primary heat transfer path for a package with an attached heat sink mounted to a
printed-circuit board.
Figure 43. Package with Heat Sink Mounted to a Printed-Circuit Board
The heat sink removes most of the heat from the device. Heat generated on the active side of the chip is
conducted through the silicon and through the lid, then through the heat sink attach material (or thermal
interface material), and finally to the heat sink. The junction-to-case thermal resistance is low enough that
the heat sink attach material and heat sink thermal resistance are the dominant terms.
16.2.3
Thermal Interface Materials
A thermal interface material is required at the package-to-heat sink interface to minimize the thermal
contact resistance. For those applications where the heat sink is attached by spring clip mechanism,
Figure 44 shows the thermal performance of three thin-sheet thermal-interface materials (silicone,
graphite/oil, floroether oil), a bare joint, and a joint with thermal grease as a function of contact pressure.
As shown, the performance of these thermal interface materials improves with increasing contact pressure.
The use of thermal grease significantly reduces the interface thermal resistance. The bare joint results in a
thermal resistance approximately six times greater than the thermal grease joint.
Heat sinks are attached to the package by means of a spring clip to holes in the printed-circuit board (see
Figure 40). Therefore, the synthetic grease offers the best thermal performance, especially at the low
interface pressure.
When removing the heat sink for re-work, it is preferable to slide the heat sink off slowly until the thermal
interface material loses its grip. If the support fixture around the package prevents sliding off the heat sink,
External Resistance
External Resistance
Internal Resistance
Radiation
Convection
Radiation
Convection
Heat Sink
Printed-Circuit Board
Thermal Interface Material
Package/Leads
Die Junction
Die/Package
(Note the internal versus external package resistance)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84