Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPC826XACVR Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

No. de pieza MPC826XACVR
Descripción Electrónicos  PowerQUICC??II Integrated Communications Processor Hardware Specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC826XACVR Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MPC826XACVR Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC826XACVR Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC826XACVR Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC826XACVR Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC826XACVR Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC826XACVR Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC826XACVR Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC826XACVR Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC826XACVR Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
MPC8260A PowerQUICC™ II Integrated Communications Processor Hardware Specifications, Rev. 1.1
40
Freescale Semiconductor
Pinout
LCL_D6/AD61
K25
LCL_D7/AD71
L29
LCL_D8/AD81
L27
LCL_D9/AD91
L26
LCL_D10/AD101
L25
LCL_D11/AD111
M29
LCL_D12/AD121
M28
LCL_D13/AD131
M27
LCL_D14/AD141
M26
LCL_D15/AD151
N29
LCL_D16/AD161
T25
LCL_D17/AD171
U27
LCL_D18/AD181
U26
LCL_D19/AD191
U25
LCL_D20/AD201
V29
LCL_D21/AD211
V28
LCL_D22/AD221
V27
LCL_D23/AD231
V26
LCL_D24/AD241
W27
LCL_D25/AD251
W26
LCL_D26/AD261
W25
LCL_D27/AD271
Y29
LCL_D28/AD281
Y28
LCL_D29/AD291
Y25
LCL_D30/AD301
AA29
LCL_D31/AD311
AA28
LCL_DP0/C01/BE01
L28
LCL_DP1/C11/BE11
N28
LCL_DP2/C21/BE21
T28
LCL_DP3/C31/BE31
W28
IRQ0/NMI_OUT
T1
IRQ7/INT_OUT/APE
D1
TRST
AH3
TCK
AG5
TMS
AJ3
Table 20. Pinout List (continued)
Pin Name
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52