| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TMX2000F Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
TMX2000F Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers |
|
14 / 32 page ![]() Click Wrenches Utica click style torque wrenches are built to exacting standards to maintain maximum accuracy. Only top grade materials are used in Utica click wrenches. Working parts are heat-treated to increase durability and serv- ice life. Each wrench is tested with equipment traceable to NIST standards. Because of a high commonality of parts, the procedures for calibrating Utica click wrenches are the same from the smallest to the largest wrench in our product offering. This saves the operator time and the expense of devel- oping specific procedures for different wrench sizes. Utica’s audible “click” plus a few degrees of travel provides a simple, quick indication that the operator has achieved the predetermined torque setting. All Utica click wrenches incorporate a patented, low friction torque control mechanism that produces highly accurate readings in clockwise and counter- clockwise directions. Plus, a patented, spring-loaded locking collar locks the scale on the desired torque setting. This prevents the operator from accidentally using the wrench in the unlocked position. Calibration Intervals As a general rule, we recommend calibrating Utica torque products every six months. However, the quality objectives of the operator’s organization will ultimately determine the frequency of tool calibration. Visit our website at www.uticatools.com to locate your nearest Utica Service Center for calibration. 12 Utica® “Click” Type Torque Sensing Wrenches Introduction 0 20 5 50 100 200 1000 Torque Range (Nm) Click Wrenches Ratchet Head Adjustable Flex Head Ratchet Adjustable Plain Head Adjustable Plain Head Preset Interchangeable Head “A” Adjustable Interchangeable Head “A” Preset Interchangeable Head “B” Preset Interchangeable Head “B” Adjustable Forged Arm For Strength And Durability Nickel Plated Heavy-Duty Hardened Case |