Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OC11EX/2G.2 Datasheet(PDF) 1 Page - Turck, Inc.

No. de pieza OC11EX/2G.2
Descripción Electrónicos  excom I/O System PROFIBUS-DP fiber-optic coupler for zone 1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TURCK [Turck, Inc.]
Página de inicio  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

OC11EX/2G.2 Datasheet(HTML) 1 Page - Turck, Inc.

  OC11EX/2G.2 Datasheet HTML 1Page - Turck, Inc. OC11EX/2G.2 Datasheet HTML 2Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com1 / 2
excom I/O System
PROFIBUS-DP fiber-optic coupler for zone 1
OC11EX/2G.2
The optocoupler OC11Ex/2G.2 converts the
PROFIBUS-DP signals on copper cables in-
to optical signals. The bus signals can there-
fore be transmitted from the safe area to the
Ex area over long distances without potential
or interference. When using fiber-optic cables,
the maximum baud range is 2500 m for OM1
(62.5/125-µm) cables and 1500 m for OM2
(50/125-µm) cables.
The OC11Ex/3G.2 in zone 2 transmits
the signals via the optical interface to the
OC11Ex/2G.2 in zone 1 which converts them.
The signals are then output intrinsically safe at
the RS485-IS interface.
The RS485-IS interface is entirely realized ac-
cording to the PNO PROFIBUS guideline. The
optocoupler OC11Ex/2G.2 is equipped with
■ intrinsically safe RS485-IS PROFIBUS in-
terface (acc. to the RS485-IS draft worked
out by the PNO work group)
■ intrinsically safe optical interface with ST
connectors for emitter and receiver
Up to 31 bus nodes can be connected to the
fiber-optic coupler. Baud rates of 9.6 kbps up
to 1.5 Mbps are possible, or will be automati-
cally detected.
For diagnostic purposes there are four status
LEDs that indicate power ON, fiber-optic seg-
ment, RS485 interface and baud rate. The de-
vice features an M8 communication interface.
Two OC11Ex devices can be coupled togeth-
er via the M8 interface. Wire-break and short-
circuit are not transmitted from one segment
to the next one. All segments can thus be op-
erated trouble-free and independently of one
another.
In order not to limit the number of nodes and
cable length of a PROFIBUS-DP segment,
amplitude and phase are reproduced in the
coupler. The OC11Ex/2G.2 shield is always
capacitively coupled to the equipotential bond-
ing.
■ Device for data transmission between elec-
trical and optical fieldbus circuits
■ Power supply of max. 31 nodes
■ OM1 (62.5/125) for transmitting data over
distances up to 2500 m
■ OM2 (50/125) for transmitting data over
distances up to 1500 m
■ Mounting in zone 1 possible
■ Note: Idle level corresponds to active light!


Número de pieza similar - OC11EX/2G.2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Turck, Inc.
OC11EX/3G.2 TURCK-OC11EX/3G.2 Datasheet
537Kb / 2P
excom I/O System PROFIBUS-DP – Fiber-Optic Coupler for Zone 2
2023-07-21
More results

Descripción similar - OC11EX/2G.2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
2862246 PHOENIX-2862246 Datasheet
170Kb / 6P
PROFIBUS bus coupler DP/V1, complete with I/O connectors
8419 PHOENIX-8419 Datasheet
192Kb / 12P
Axioline F bus coupler for PROFIBUS DP
logo
M-System Co.,Ltd.
R6N-P1 MSYSTEM-R6N-P1 Datasheet
131Kb / 3P
Remote I/O R6 Series PROFIBUS-DP INTERFACE MODULE
R3-NP1 MSYSTEM-R3-NP1 Datasheet
164Kb / 5P
Remote I/O R3 Series PROFIBUS-DP INTERFACE MODULE
R5-NP1 MSYSTEM-R5-NP1 Datasheet
158Kb / 5P
Remote I/O R5 Series PROFIBUS-DP INTERFACE MODULE
R6-NP1 MSYSTEM-R6-NP1 Datasheet
131Kb / 3P
Remote I/O R6 Series PROFIBUS-DP INTERFACE MODULE
logo
WAGO Kontakttechnik Gmb...
750-331 WAGO-750-331 Datasheet
406Kb / 11P
Fieldbus Coupler PROFIBUS DP; Fiber-optic connection; 1.5 MBd
750-333-025-000 WAGO-750-333-025-000 Datasheet
428Kb / 12P
Fieldbus Coupler PROFIBUS DP; 2nd Generation
logo
Weidmuller
2614380000 WEIDMULLER-2614380000 Datasheet
473Kb / 5P
Remote I/O fieldbus coupler, IP20, PROFIBUS DP-V1
November 4, 2021
logo
Pepperl+Fuchs Inc.
FOL7250B059 PF-FOL7250B059 Datasheet
980Kb / 2P
PROFIBUS Fiber Optic Link Coupler and Repeater
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com