Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SW-214-PIN Datasheet(PDF) 2 Page - Tyco Electronics

No. de pieza SW-214-PIN
Descripción Electrónicos  GaAs SPST Switch, DC - 3 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-214-PIN Datasheet(HTML) 2 Page - Tyco Electronics

  SW-214-PIN Datasheet HTML 1Page - Tyco Electronics SW-214-PIN Datasheet HTML 2Page - Tyco Electronics SW-214-PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GaAs SPST Switch,
DC - 3 GHz
SW-214-PIN
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
2
RoHS
Compliant
Electrical Specifications: TA = 25°C
1,2,3
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Insertion Loss
DC - 3 GHz
DC - 2 GHz
DC - 1 GHz
DC - 0.5 GHz
dB
dB
dB
dB
1.3
1.2
0.9
0.9
Isolation
DC - 3 GHz
DC - 2 GHz
DC - 1 GHz
DC - 0.5 GHz
dB
dB
dB
dB
25
38
45
50
VSWR
DC - 3 GHz
DC - 2 GHz
DC - 1 GHz
DC - 0.5 GHz
Ratio
Ratio
Ratio
Ratio
2.0:1
1.7:1
1.3:1
1.3:1
Trise, Tfall
Ton, Toff
Transients
50% CTL to 90/10% RF
In-Band
nS
nS
mV
3
6
30
1 dB Compression
Control Voltage 0/-5 VDC
Control Voltage 0/-8 VDC
0.5 - 3 GHz
0.05 GHz
0.5 - 3 GHz
0.05 GHz
dBm
dBm
dBm
dBm
+27
+21
+33
+26
IP2
For two-tone Input power up to +13 dBm
0.5 - 3 GHz
0.05 GHz
dBm
dBm
+68
+62
IP3
For two-tone Input power up to +13 dBm
0.5 - 3 GHz
0.05 GHz
dBm
dBm
+46
+40
Control Voltages
VIN Low: 0 to –0.2V
VIN High: -5V @ 50 A Typ to –8V
20 A
300 A
1. All specifications apply with 50 ohm impedance connected to all RF ports with 0 and –5 VDC control voltages.
2. Faster switching speed can be achieved with enhanced driver waveform.



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com