| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HCS08 Datasheet(PDF) 149 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
HCS08 Datasheet(HTML) 149 Page - Motorola, Inc |
|
149 / 290 page ![]() Data Sheet — MC9S08GB60/D V1.5 MOTOROLA 149 MC9S08GB/GT Section 9 Keyboard Interrupt (KBI) Module 9.1 Introduction The MC9S08GB/GT has one KBI module with eight keyboard interrupt inputs that share port A pins. See the Pins and Connections section for more information about the logic and hardware aspects of these pins. 9.1.1 Port A and Keyboard Interrupt Pins Figure 9-1 Port A Pin Names The following paragraphs discuss controlling the keyboard interrupt pins. Port A is an 8-bit port which is shared among the KBI keyboard interrupt inputs and general-purpose I/O. The eight KBIPEn control bits in the KBIPE register allow selection of any combination of port A pins to be assigned as KBI inputs. Any pins which are enabled as KBI inputs will be forced to act as inputs and the remaining port A pins are available as general-purpose I/O pins controlled by the port A data (PTAD), data direction (PTADD) and pullup enable (PTAPE) registers. KBI inputs can be configured for edge-only sensitivity or edge-and-level sensitivity. Bits 3 through 0 of port A are falling-edge/low-level sensitive while bits 7 through 4 can be configured for rising-edge/high-level or for falling-edge/low-level sensitivity. The eight PTAPEn control bits in the PTAPE register allow you to select whether an internal pullup device is enabled on each port A pin that is configured as an input. When any of bits 7 through 4 of port A are enabled as KBI inputs and are configured to detect rising edges/high levels, the pullup enable bits enable pulldown rather than pullup devices. An enabled keyboard interrupt can be used to wake the MCU from wait or standby (stop3). 9.2 Features The keyboard interrupt (KBI) module features include: • Keyboard interrupts selectable on eight port pins: – Four falling edge/low level sensitive – Four falling edge/low level or rising edge/high level sensitive – Choice of edge-only or edge-and-level sensitivity – Common interrupt flag and interrupt enable control – Capable of waking up the MCU from stop3 or wait mode MCU Pin: PTA7/ KBIP7 PTA6/ KBIP6 PTA5/ KBIP5 PTA4/ KBIP4 PTA3/ KBIP3 PTA2/ KBIP2 PTA1/ KBIP1 PTA0/ KBIP0 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |