Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCS08 Datasheet(PDF) 143 Page - Motorola, Inc

No. de pieza HCS08
Descripción Electrónicos  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Datasheet(HTML) 143 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 139Page - Motorola, Inc HCS08 Datasheet HTML 140Page - Motorola, Inc HCS08 Datasheet HTML 141Page - Motorola, Inc HCS08 Datasheet HTML 142Page - Motorola, Inc HCS08 Datasheet HTML 143Page - Motorola, Inc HCS08 Datasheet HTML 144Page - Motorola, Inc HCS08 Datasheet HTML 145Page - Motorola, Inc HCS08 Datasheet HTML 146Page - Motorola, Inc HCS08 Datasheet HTML 147Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
143
MC9S08GB/GT
Figure 8-13 Port E Registers
PTEDn — Port E Data Register Bit n (n = 0–7)
For port E pins that are inputs, reads return the logic level on the pin. For port E pins that are configured
as outputs, reads return the last value written to this register.
Writes are latched into all bits of this register. For port E pins that are configured as outputs, the logic
level is driven out the corresponding MCU pin.
Reset forces PTED to all 0s, but these 0s are not driven out the corresponding pins because reset also
configures all port pins as high-impedance inputs with pullups disabled.
PTEPEn — Pullup Enable for Port E Bit n (n = 0–7)
For port E pins that are inputs, these read/write control bits determine whether internal pullup devices
are enabled. For port E pins that are configured as outputs, these bits are ignored and the internal pullup
devices are disabled.
1 = Internal pullup device enabled.
0 = Internal pullup device disabled.
PTESEn — Slew Rate Control Enable for Port E Bit n (n = 0–7)
For port E pins that are outputs, these read/write control bits determine whether the slew rate controlled
outputs are enabled. For port E pins that are configured as inputs, these bits are ignored.
1 = Slew rate control enabled.
0 = Slew rate control disabled.
PTED
Bit 7
654321
Bit 0
Read:
PTED7
PTED6
PTED5
PTED4
PTED3
PTED2
PTED1
PTED0
Write:
Reset:
00000000
PTEPE
Read:
PTEPE7
PTEPE6
PTEPE5
PTEPE4
PTEPE3
PTEPE2
PTEPE1
PTEPE0
Write:
Reset:
00000000
PTESE
Read:
PTESE7
PTESE6
PTESE5
PTESE4
PTESE3
PTESE2
PTESE1
PTESE0
Write:
Reset:
00000000
PTEDD
Read:
PTEDD7
PTEDD6
PTEDD5
PTEDD4
PTEDD3
PTEDD2
PTEDD1
PTEDD0
Write:
Reset:
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com