| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IA186EM-PTQ100I-R Datasheet(PDF) 47 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
IA186EM-PTQ100I-R Datasheet(HTML) 47 Page - InnovASIC, Inc |
|
47 / 133 page ![]() IA186EM/IA188EM Data Sheet 8/16-BIT Microcontrollers As of Production Version -03 This register controls the operation of the sden1 and sden0 outputs and the baud rate of the SSI port. The sden1 and sden0 outputs are held high when the respective bit is set to 1, but in the event that both DE1 and DE0 are set to 1 then only sden0 will be held high. The value of the SSR register is 0000h at reset. 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Reserved SCLKDIV RES DE1-DE0 Reserved (bits 15-6) – Reserved Bits. SCLKDIV (bits 5-4) – SCLK Divide. These bits set the SCLK frequency. SCLK is the result of dividing the internal processor clock by 2, 4, 8, or 16 as in the following table. SCLKDIV SCLK Frequency Divider 00b Processor Clock /2 01b Processor Clock /4 10b Processor Clock /8 11b Processor Clock /16 RES (bits 3-2) – Reserved Bits. DE1 (bit1) - SDEN1. The SDEN1 bit is held high when this bit is set to 1 and SDEN1 is held low when this bit is set to 0. DE0 (bit0) – SDEN0. The SDEN0 bit is held high when this bit is set to 1 and SDEN0 is held low when this bit is set to 0. SSS (010h) – Synchronous Serial Status Register. This is a read only register that indicates the state of the SSI port. The value of the SSR register is 0000h at reset. 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Reserved RE/TE DR/DT PB Reserved (bits 15-3) – Reserved Bits. RE/TE (bit 2) – Receive/Transmit Error Detect. This bit is set to 1 when a read of the Synchronous Serial Received register or a write to one of the transmit register is detected while the interface is busy 3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com |