Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NSC3F Datasheet(PDF) 3 Page - Neutrik AG

No. de pieza NSC3F
Descripción Electrónicos  Circular Connectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEUTRIK [Neutrik AG]
Página de inicio  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NSC3F Datasheet(HTML) 3 Page - Neutrik AG

  NSC3F Datasheet HTML 1Page - Neutrik AG NSC3F Datasheet HTML 2Page - Neutrik AG NSC3F Datasheet HTML 3Page - Neutrik AG NSC3F Datasheet HTML 4Page - Neutrik AG NSC3F Datasheet HTML 5Page - Neutrik AG NSC3F Datasheet HTML 6Page - Neutrik AG NSC3F Datasheet HTML 7Page - Neutrik AG NSC3F Datasheet HTML 8Page - Neutrik AG NSC3F Datasheet HTML 9Page - Neutrik AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
www.neutrik.com
3
Introduction
The Neutrik® circular connector program is a range of
metal, multi-pole connectors specifically designed for
industrial applications. These series provide a variety of
male and female cable connectors and receptacles that
can be terminated by soldering and crimping or to printed
circuit boards. An easy to use and reliable quick-lock system
ensures a perfect connection and cannot be released
accidentally. The circular connectors offer the Neutrik®
unique chuck type strain relief and a reinforced housing for
robust dependability.
The Neutrik® industrial connector range also features a
unique power connector for single phase applications up
to 32 A.
The main areas of application are in the measurement, test
and control, automotive and machine tool industry as well as
medical technology.
innovative
solutions
superior
quality



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24