Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PAC7101 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

No. de pieza PAC7101
Descripción Electrónicos  Microcontroller Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PAC7101 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button PAC7101 Datasheet HTML 35Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 36Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 37Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 38Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 39Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 40Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 41Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 42Page - Freescale Semiconductor, Inc PAC7101 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
Device Pin Assignments
MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2
Preliminary
Freescale Semiconductor
39
PG14
RXD_C
139
139
139
107
107
A4
A4
PG15
TXD_C
140
140
140
108
108
B4
B4
PH0
AN0_B
88
G13
G13
PH1
AN1_B
90
G14
G14
PH2
AN2_B
92
F16
F16
PH3
AN3_B
94
F15
F15
PH4
AN4_B
96
E16
E16
PH5
AN5_B
98
E15
E15
PH6
AN6_B
100
D16
D16
PH7
AN7_B
102
C16
C16
PH8
AN8_B
104
B16
B16
PH9
AN9_B
106
B14
B14
PH10
AN10_B
108
D13
D13
PH11
AN11_B
114
A13
A13
PH12
AN12_B
116
B12
B12
PH13
AN13_B
118
C11
C11
PH14
AN14_B
120
A11
A11
PH15
AN15_B
122
B10
B10
PI0
PCS3_A
——
———
C3
PI1
PCS4_A
——
———
D5
PI2
PCS6_A
——
———
D4
PI3
PCS7_A
——
———
E4
PI4
PCS3_B
——
———
G4
PI5
PCS4_B
——
———
J4
PI6
PCS6_B
——
———
K4
PI7
PCS7_B
——
———
L4
PI8
——
———
N4
PI9
——
———
P3
PI10
——
———
R2
PI11
——
———
R15
PI12
——
———
N11
PI13
——
———
N12
PI14
——
———
N13
PI15
——
———
P14
NOTES:
1. The MAC7100 family maximum peripheral configurations are listed in these columns. Some family members do not implement the full
complement of ATD, CAN, DSPI and eSCI peripherals. Refer to Table 2 on page 3 for availability of peripheral functions on various devices.
2. AS function not available on mask set L49P devices.
3. MAC7111, MAC7116, MAC7131 and MAC7136 only.
4. The MCKO function cannot be used on MAC7121 devices (the alternate Nexus port must be used).
5. On MAC7121 mask set L49P devices, PB11 / PCS2_B is bonded out on pin 57.
6. PD2 function not available on mask set L49P devices.
7. Optional debug status port not available on mask set L49P devices.
8. CAN C, CAN D and eSCI D not available on MAC7112, MAC7122 and MAC7142 devices.
Table 37. Signal Pin Assignments (continued)
Primary /
GPIO
Function
Peripheral
Function 1
External
Bus
Function 1
Debug
Function 1
Read on
Reset
Pin Number (by Device)
7101
7106
7111
7116
7112
7121
7126
7122
7131
7136
7141
7142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56