| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SC101161DT Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC101161DT Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc |
|
32 / 142 page ![]() Device User Guide — 9S12DT128DGV2/D V02.15 32 Freescale Semiconductor 1.5.1 Detailed Register Map $0000 - $000F MEBI map 1 of 3 (HCS12 Multiplexed External Bus Interface) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $0000 PORTA Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: $0001 PORTB Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: $0002 DDRA Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: $0003 DDRB Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: $0004 Reserved Read: 0 0 0 0 0 0 0 0 Write: $0005 Reserved Read: 0 0 0 0 0 0 0 0 Write: $0006 Reserved Read: 0 0 0 0 0 0 0 0 Write: $0007 Reserved Read: 0 0 0 0 0 0 0 0 Write: $0008 PORTE Read: Bit 7 6 5 4 3 2 Bit 1 Bit 0 Write: $0009 DDRE Read: Bit 7 6 5 4 3 Bit 2 0 0 Write: $000A PEAR Read: NOACCE 0 PIPOE NECLK LSTRE RDWE 0 0 Write: $000B MODE Read: MODC MODB MODA 0 IVIS 0 EMK EME Write: $000C PUCR Read: PUPKE 0 0 PUPEE 0 0 PUPBE PUPAE Write: $000D RDRIV Read: RDPK 0 0 RDPE 0 0 RDPB RDPA Write: $000E EBICTL Read: 0 0 0 0 0 0 0 ESTR Write: $000F Reserved Read: 0 0 0 0 0 0 0 0 Write: $0010 - $0014 MMC map 1 of 4 (HCS12 Module Mapping Control) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $0010 INITRM Read: RAM15 RAM14 RAM13 RAM12 RAM11 0 0 RAMHAL Write: $0011 INITRG Read: 0 REG14 REG13 REG12 REG11 0 0 0 Write: $0012 INITEE Read: EE15 EE14 EE13 EE12 EE11 0 0 EEON Write: $0013 MISC Read: 0 0 0 0 EXSTR1 EXSTR0 ROMHM ROMON Write: $0014 Reserved Read: 0 0 0 0 0 0 0 0 Write: |