Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

B65531-D-R33 Datasheet(PDF) 4 Page - EPCOS

No. de pieza B65531-D-R33
Descripción Electrónicos  In accordance with IEC 60133
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EPCOS [EPCOS]
Página de inicio  http://www.epcos.com
Logo EPCOS - EPCOS

B65531-D-R33 Datasheet(HTML) 4 Page - EPCOS

  B65531-D-R33 Datasheet HTML 1Page - EPCOS B65531-D-R33 Datasheet HTML 2Page - EPCOS B65531-D-R33 Datasheet HTML 3Page - EPCOS B65531-D-R33 Datasheet HTML 4Page - EPCOS B65531-D-R33 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
327 08/01
Adjusting screw
I Tube core with thread and core brake made of GFR polyterephthalate
Plastic adjusting screwdriver (not shown)
Plastic handle for adjusting screwdriver (not shown)
Adjusting screw
Core P 11
× 7
Adjusting screw
Min.
adjusting
range
%
Ordering code
Tube core
Material
AL value
nH
∅ × length
mm
Material
Color
code
K 1
25
40
1,81
× 2,0
K 1
yellow
30
12
B65539-C1003-X1
M 33
40
63
1,81
× 2,0
Si 1
black
17
11
B65539-C1003-X101
N 48
100
1,81
× 2,0
K 1
yellow
17
B65539-C1003-X1
160
250
1,81
× 2,7
N 22
red
16
8
B65539-C1002-X22
Adjusting screwdriver
B63399-B4
Handle
B63399-B5
B63399
B65539
Accessories
P 11
× 7



Html Pages

1 2 3 4 5