Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BPMS7P1AP22M2Q Datasheet(PDF) 11 Page - Apex Electronics Co., Ltd

No. de pieza BPMS7P1AP22M2Q
Descripción Electrónicos  Pushbutton switches, optional LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Página de inicio  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

BPMS7P1AP22M2Q Datasheet(HTML) 11 Page - Apex Electronics Co., Ltd

Back Button BPMS7P1AP22M2Q Datasheet HTML 3Page - Apex Electronics Co., Ltd BPMS7P1AP22M2Q Datasheet HTML 4Page - Apex Electronics Co., Ltd BPMS7P1AP22M2Q Datasheet HTML 5Page - Apex Electronics Co., Ltd BPMS7P1AP22M2Q Datasheet HTML 6Page - Apex Electronics Co., Ltd BPMS7P1AP22M2Q Datasheet HTML 7Page - Apex Electronics Co., Ltd BPMS7P1AP22M2Q Datasheet HTML 8Page - Apex Electronics Co., Ltd BPMS7P1AP22M2Q Datasheet HTML 9Page - Apex Electronics Co., Ltd BPMS7P1AP22M2Q Datasheet HTML 10Page - Apex Electronics Co., Ltd BPMS7P1AP22M2Q Datasheet HTML 11Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
BPM Series
Pushbutton switches, optional LED
11
.315
8.0
Ø
.394
Ø
10.00
.124
3.15
CAP OPTIONS
MANUAL SOLDERING: Use soldering iron of 30 watts, controlled at 350°C
approximately 5 seconds while applying solder.
WAVE SOLDERING: Recommended Soldering Temperature: 270 ± 5°C
Duration of Solder Immersion: Max 5 sec. (PCB is 1.6mm in thickness)
SOLDERING PROCESSES
C1
C2
4
C
3
C
C7
C6
KC
.124
3.15
.250
6.35
.126
3.20
.299
7.60
Ø
.303
Ø
7.70
.087
2.20
.159
4.03
Ø
.368
Ø
9.35
Ø
.197
Ø
5.00
.126
3.20
For BPM,BPA Series Only, Cap Standard Clors: White, Black, Green, Red
.159
4.03
.102
2.60
Ø
.197
Ø
5.00
Ø
.293
Ø
7.45
.354
9.00
Ø
.394
Ø
10.00
.315
8.0
for PC actuator only
DRESS NUTS
0.4 Volt - Amps ( VA ) max. @ 20V max. ( AC or DC )
3 Amps with resistant load @ 120VAC or 28VDC
1 Amps with resistant load @ 250VAC
Q
C
R
CONTACT PLATING
Silver
※
BPMSL/BPMDL with gold over
silver for plating
Gold over Silver
Gold
RATINGS
Q = Silver
C = Gold over silver
R = Gold
TERMINAL PLATING
CONTACT MATERIAL OPTIONS
1/4-40 UNS
Ø
.728
Ø
18.50
.327
8.30
Ø
.531 I.D.
Ø
13.50
1/4-40UNS
Ø
.492
Ø
12.50
1/4-40UNS
Ø
.323 I.D.
Ø
8.20
.242
6.15
HDW21
3
2
W
D
H
2
2
W
D
H
.083
2.11
for C2 Cap
for C1 Cap
.320
8.10
.236
6.00
Ø
.610 I.D.
Ø
15.50
.320
8.10
.228
5.80
Ø
.413 I.D.
Ø
10.15
MNU-1M19
MNU-1M20
MNU-1M21



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com