Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCR03EZPFX Datasheet(PDF) 3 Page - Rohm

No. de pieza MCR03EZPFX
Descripción Electrónicos  Thick film rectangular resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

MCR03EZPFX Datasheet(HTML) 3 Page - Rohm

  MCR03EZPFX Datasheet HTML 1Page - Rohm MCR03EZPFX Datasheet HTML 2Page - Rohm MCR03EZPFX Datasheet HTML 3Page - Rohm MCR03EZPFX Datasheet HTML 4Page - Rohm MCR03EZPFX Datasheet HTML 5Page - Rohm MCR03EZPFX Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MCR03
Resistors
Rev.D
3/5
Dimensions (Unit : mm)
No.
Material
Resistive element
Silver thick film electrode
Nickel electrode
Sn electrode
Alumina substrate
Overcoating
0.3
±0.2
0.3
±0.2
1.6
±0.1
1
2
3
4
5
6
1
2
4
5
3
Packaging
Reel
Taping
Bulk case
110
±0.7
12
±0.1
(Unit : mm)
Slider
Shutter
EIAJ ET-7200B compliamt
P0
P2
P1
E
F
W
T2
φD0
A0
B0
Thick paper
mount
(Underside paper tape) Chip resistor Square punchout hole
Heat crimp cover/Tape
36
0
−0.2
8.0
±0.3
3.5
±0.05
1.75
±0.1
1.1
±0.1
1.9
±0.1
4.0
±0.1
4.0
±0.1
2.0
±0.05
Max. 1.1
φ1.5 +0.1
0
AB
C
D
(Unit : mm)
(Unit : mm)
WF
E
A0
B0
D0
P0
P1
P2
T2
Label
EIAJ ET-7200B compliant
C
AB
D
φ180
0
−3
φ60
+1
0
9
+1.0
0
φ13±0.2



Html Pages

1 2 3 4 5 6