| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TUSB1106RTZR Datasheet(PDF) 1 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TUSB1106RTZR Datasheet(HTML) 1 Page - Texas Instruments |
|
1 / 30 page ![]() www.ti.com FEATURES APPLICATIONS DESCRIPTION/ORDERING INFORMATION TUSB1105, TUSB1106 ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS SCAS818C – MAY 2006 – REVISED DECEMBER 2006 • Comply With Universal Serial Bus • Two Single-Ended Receivers With Hysteresis Specification Rev. 2.0 • Low-Power Operation, Ideal for Portable • Transmit and Receive Serial Data at Both Equipment Full-Speed (12-Mbit/s) and Low-Speed • Support I/O Voltage Range From 1.65 V to (1.5-Mbit/s) Data Rates 3.6 V • Integrated Bypassable 5-V to 3.3-V Voltage • IEC-61000-4-2 ESD Compliant Regulator for Powering Via USB VBUS – ±9-kV Contact-Discharge Model • VBUS Disconnection Indication Through VP (D+, D–, VCC(5.0)) and VM – ±15-kV Human-Body Model • Used as USB Device Transceiver or USB Host (D+, D–, VCC(5.0)) Transceiver • Available in Small RTZ16, RGT16 (TUSB1105), • Stable RCV Output During SE0 Condition and TSSOP16 (TUSB1106) Packages • Mobile Phones • Personal Digital Assistants (PDAs) • Information Appliances (IAs) • Digital Still Cameras (DSCs) The TUSB1105 and TUSB1106 universal serial bus (USB) transceivers are compliant with the Universal Serial Bus Specification Rev. 2.0. These devices can transmit and receive serial data at both full-speed (12-Mbit/s) and low-speed (1.5-Mbit/s) data rates. The TUSB1105 and TUSB1106 can be used as USB device transceivers or USB host transceivers. The devices allow USB application-specific ICs (ASICs) and programmable logic devices (PLDs), with power-supply voltages from 1.65 V to 3.6 V, to interface with the physical layer (PHY) of the universal serial bus. They have an integrated 5-V to 3.3-V voltage regulator for direct powering via the USB supply VBUS. The TUSB1105 allows single-ended and differential input modes selectable by a mode (MODE) input and is available in RGT16 and RTZ16 packages. The TUSB1106 allows only differential input mode and is available in TSSOP16 and RTZ16 packages. The TUSB1105 and TUSB1106 are ideal for portable electronic devices, such as mobile phones, personal digital assistants, information appliances, and digital still cameras. ORDERING INFORMATION TA PACKAGE(1) ORDERABLE PART NUMBER TOP-SIDE MARKING(2) TUSB1105RGTR ZYB RGT16 Reel of 3000 TUSB1106RGTR ZYC TUSB1105RTZR ZYB –40 °C to 85°C RTZ16 Reel of 1000 TUSB1106RTZR ZYC TSSOP16 – PW Reel of 2000 TUSB1106PWR Preview RSV16 Reel of 3000 TUSB1106RSVR Preview (1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. (2) The actual top-side marking has one additional character that designates the assembly/test site. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2006, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Número de pieza similar - TUSB1106RTZR |
|
Descripción similar - TUSB1106RTZR |