Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL2S3003TT Datasheet(PDF) 52 Page - NXP Semiconductors

No. de pieza SL2S3003TT
Descripción Electrónicos  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003TT Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button SL2S3003TT Datasheet HTML 48Page - NXP Semiconductors SL2S3003TT Datasheet HTML 49Page - NXP Semiconductors SL2S3003TT Datasheet HTML 50Page - NXP Semiconductors SL2S3003TT Datasheet HTML 51Page - NXP Semiconductors SL2S3003TT Datasheet HTML 52Page - NXP Semiconductors SL2S3003TT Datasheet HTML 53Page - NXP Semiconductors SL2S3003TT Datasheet HTML 54Page - NXP Semiconductors SL2S3003TT Datasheet HTML 55Page - NXP Semiconductors SL2S3003TT Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
Addressed and selected mode
The INVENTORY READ command can be transmitted also in the addressed or selected mode. In this case, the
Inventory_flag is set to 0, and the meaning of flags 5 to 8 is in accordance with table 4 in ISO/IEC 15693-3 [3].
In the addressed or selected mode, the INVENTORY READ command behaves like a READ or READ
MULTIPLE BLOCK command.
In the addressed mode, it is recommended to address the label IC with a mask length of 64 and to transmit the
complete UID in the mask value field.
In the selected mode (label IC has been selected with a valid SELECT command before), it is recommended to
address the label IC with a mask length of 0 (and do not transmit the mask value field).
Note: If the INVENTORY READ command is used in the addressed mode or in the selected mode, the AFI is
not transmitted. The label IC only responds in the first-time slot.
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
52 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82