| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
2000 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
2000 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG |
|
1 / 11 page ![]() Visit product website DATA SHEET Type 1087 Timer Type 2518 Cable Plug DIN EN 175301 - 803 - Form A Type 2000 Pneumatically operat- ed 2/2 way angle seat valve CLASSIC Type 2511 Cable Plug Form A Type 2513 Cable plug acc. to DIN EN 175301 - 803 Form A 1000011020 | Standard | EU | en | 201906 | 07 4/2 way Solenoid Valve for pneumatics • Compact design • Push-over solenoid coil • Exhaust air can be regulated • Tube, threaded and sub-base connections • Servo-diaphragm seat discs The Type 5420 is a pilot-controlled 4-way seat valve with servo-diaphragms. A minimum differential pressure of 2.5 bar is needed for switch-over. The valve can be mounted on two channel manifolds with a common pressure supply. Product variants described in the data sheet may differ from the product presentation and description. Type description Can be combined with Type 5420 © Christian Bürkert GmbH & Co. KG, Subject to alteration |
Número de pieza similar - 2000 |
|
Descripción similar - 2000 |