| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
2513 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
2513 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG |
|
1 / 14 page ![]() Visit product website DATA SHEET Type 2518 Cable Plug DIN EN 175301 - 803 - Form A Type 1087 Timer Type 2513 Cable plug acc. to DIN EN 175301 - 803 Form A 1000011019 | Standard | EU | en | 202202 | 08 4/2 way solenoid valve for pneumatic applica- tions • Robust servo-piston valve • Service-friendly manual override • Single or block assembly • Explosion-proof versions available Type 5413 is a pilot operated 4/2 way solenoid valve with manual override as standard. A 3/2 way solenoid pilot valve allows control. The valve consists basically of two assembled 3/2 way valves for ports A and B with a counter built-in servo piston with seat seals. Through pilot channels, the servo piston is operated at the input pressure and pushed either apart or towards the valve centre. A minimum pressure difference of 1 bar is required for switching. Product variants described in the data sheet may differ from the product presentation and description. Type description Can be combined with Type 5413 © Christian Bürkert GmbH & Co. KG, Subject to alteration Type 5413: available until August 2023 |
Número de pieza similar - 2513 |
|
Descripción similar - 2513 |