| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
2000 Datasheet(PDF) 11 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
2000 Datasheet(HTML) 11 Page - Christian Bürkert GmbH & Co. KG |
|
11 / 20 page ![]() Type 8840 11 | 20 Visit product website Collector G L1 D1 L5 L3 L4 L4 L2 BG DN Actuator size Ø Thread G Thread BG 1.) Number of valves L1 L2 L3 L4 L5 L6 L7 L8 L9 L10 D1 [mm] [mm] 20 50 (D) G ¾ or NPT ¾ M12/8 deep 2 190 86.5 43.3 86.5 12 175 37 30 55 104 63 3 277 173 4 363 259.5 5 450 346 25 63 (E) G 1 or NPT 1 M16/13 deep 2 228 104 52 104 14 212 42 41 73 124 80 3 332 208 4 436 312 5 540 416 1.) Threads can only be used to attach the valve block, e.g. to a mounting plate or a frame. |